Electronic Components Datasheet Search
  English  ▼

X  

DM11C Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM11C
Description  8-bit Constant Current LED Driver with Error Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM11C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
4. EN-OUT7
EN
OUT7
(current)
50%
90%
10%
90%
10%
50%
tpLH
tor
tof
50%
50%
tpHL
twEN
5. OUTn+1-OUTn
6. OS-LAT, DCK (EN=’L’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com