Electronic Components Datasheet Search
  English  ▼

X  

DM134B Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM134B
Description  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134B Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM134B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DM134B
、DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-4-
Version
:A.006
Pin Description
PIN No.
PIN NAME
FUNCTION
1
GND
Ground terminal
2
SERIAL-IN
Input terminal of a data shift register
3
CLOCK
Input terminal of a clock for shift register
4
LATCH
Input terminal of data strobe
5~20
OUT0~15
Output terminals
21
ENABLE
Input terminal of output enable (active low)
22
SERIAL-OUT
Output terminal of a data shift register
23
R-EXT
Input terminal of an external resistor
24
VDD
5V Supply voltage terminal
Equivalent Circuit of Inputs and Outputs
1. ENABLE terminal
2. LATCH terminal
3. CLOCK, SERIAL-IN terminal
4. SERIAL-OUT terminal
CLOCK,
SERIAL-IN
GND
VDD
GND
VDD
RIN (up)
ENABLE
SERIAL-OUT
GND
VDD
LATCH
GND
VDD
RIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com