Electronic Components Datasheet Search
  English  ▼

X  

DM115 Datasheet(PDF) 11 Page - Silicon Touch Technology Inc.

Part # DM115
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115 Datasheet(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM115 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 10
Output Current vs. External Resistor
DM114
DM115
DM114: Iout ≈ 1.3V / Rext * 12
DM115: Iout ≈ 1.3V / Rext * 12.5
Output Current Performance vs. Output Voltage
DM114
DM115
Note: In order to obtain a good constant current output, a suitable output voltage is necessary. Users can get
related information about the minimum output voltage from the above graph.
0
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
600
700
800
900
Rext (Ohm)
0
10
20
30
40
50
60
70
0
200
400
600
800
1000 1200 1400 1600 1800
Rext (Ohm)
0
5
10
15
20
25
30
35
40
45
50
55
60
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5
Vout (V)
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com