Electronic Components Datasheet Search
  English  ▼

X  

FD212 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # FD212
Description  Single Coil Brushless DC Motor Drivers Built-in Hall Sensor ( 2 to 5.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FD212 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  FD212 Datasheet HTML 1Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 2Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 3Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 4Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 5Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 6Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 7Page - Silicon Touch Technology Inc. FD212 Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
FD212
SP-FD212-A.003
Version
:A.003
Page
:5
Electrical Characteristic (TA= 25°C)
◎The BOP versus supply voltage curve.
◎The BRP versus supply voltage curve.
◎The Hysteresis versus supply voltage curve.
◎The saturation voltage of output.
Saturation Voltage versus Output Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
50.00
100.00
150.00
200.00
Ou tp u t C u r r en t ( m A)
VO1
VDD
VO2
BOP versus Supply Voltage
0.0
5.0
10.0
15.0
20.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Su p p ly Vo ltage (V)
BRP versus Supply Voltage
-20.0
-15.0
-10.0
-5.0
0.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Su pp ly Voltag e (V)
BHYS versus Supply Voltage
0.0
5.0
10.0
15.0
20.0
25.0
30.0
2.03.0
4.05.0
6.07.0
8.0
Su p p l y Vo ltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com