Electronic Components Datasheet Search
  English  ▼

X  

BS-AA46RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-AA46RD
Description  25.40mm (1.00) high single digit seven segments display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-AA46RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-AA46RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-AA46RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-AA46RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--A
AA
A4
46
6R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
PIN 1.
+
E
F
D
DP
C
G
A
B
12
NP: 3,7,10,13.
8
9
A
B
2
D
5
C
1
E
4,11
14
F
G
6
DP
●
Package Dimensions :
14.70(.579)
25.4(1.000)
0.50(.020)
22.86(.900)
2.54x6=15.24(.600)
3.0(.118) MIN.
10
9.00(.354)
3.0(.118)
33.00(1.299)
27.94(1.100)
1.3(.052)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
●
Features :
1.
1.00 inch (25.40mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common anode.
●
Description :
1.
The BS-AA46RD is a 25.40mm(1.00")
high single digit seven segments display.
2.
This product use super red chips,
which are made from AlGaAs on
GaAs substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
●
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-AA46RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AA46RD ETC-BS-AA46RD Datasheet
215Kb / 2P
SINGLEDIGIT LED DISPLAYS
More results

Similar Description - BS-AA46RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AA32RD BRIGHT-BS-AA32RD Datasheet
197Kb / 3P
25.4mm (1.00) high single digit seven segments display.
BS-CA34RD BRIGHT-BS-CA34RD Datasheet
137Kb / 3P
1.00(25.40MM)single DIGIT LED DISPLAY
BS-AA04RD BRIGHT-BS-AA04RD Datasheet
166Kb / 3P
26.00mm (1.00) high single seven segments display
BS-AA4FRD BRIGHT-BS-AA4FRD Datasheet
204Kb / 3P
25.40mm (1.00) high single digit seven segments display
BS-AA05RD BRIGHT-BS-AA05RD Datasheet
85Kb / 1P
26.00mm(1.00) high single digit seven segments display
BS-AA05RE BRIGHT-BS-AA05RE Datasheet
175Kb / 3P
26.00mm(1.00) high single digit seven segments display
BS-AA44RD BRIGHT-BS-AA44RD Datasheet
285Kb / 3P
25.40mm (1.00) high single digit seven segments display
BS-AA56RD BRIGHT-BS-AA56RD Datasheet
177Kb / 3P
25.40mm(1.00) high single digit seven segments display
BS-CA0FRD BRIGHT-BS-CA0FRD Datasheet
229Kb / 3P
26.00mm (1.00) high single seven segments display
logo
Ningbo Foryard Optoelec...
FYS-10012AX-00 FORYARD-FYS-10012AX-00 Datasheet
401Kb / 5P
1.00 Inch (25.40mm) digit height Single Digit Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com