Electronic Components Datasheet Search
  English  ▼

X  

DS2906SA Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DS2906SA
Description  Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SA Datasheet(HTML) 3 Page - Dynex Semiconductor

  DS2906SA Datasheet HTML 1Page - Dynex Semiconductor DS2906SA Datasheet HTML 2Page - Dynex Semiconductor DS2906SA Datasheet HTML 3Page - Dynex Semiconductor DS2906SA Datasheet HTML 4Page - Dynex Semiconductor DS2906SA Datasheet HTML 5Page - Dynex Semiconductor DS2906SA Datasheet HTML 6Page - Dynex Semiconductor DS2906SA Datasheet HTML 7Page - Dynex Semiconductor DS2906SA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SEMICONDUCTOR
DS2906SA
3/8
www.dynexsemi.com
SURGE RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
IFSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 150°C
66.5
kA
I
2t
I
2t for fusing
VR = 50% VRRM - ¼ sine
22
MA
2s
IFSM
Surge (non-repetitive) on-state current
10ms half sine, Tcase = 150°C
83
kA
I
2t
I
2t for fusing
VR = 0
34.5
MA
2s
THERMAL AND MECHANICAL RATINGS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Rth(j-c)
Thermal resistance – junction to case
Double side cooled
DC
-
0.0065
°C/W
Single side cooled
Anode DC
-
0.013
°C/W
Cathode DC
-
0.013
°C/W
Rth(c-h)
Thermal resistance – case to heatsink
Clamping force 83.0kN
Double side
-
0.001
°C/W
(with mounting compound)
Single side
-
0.002
°C/W
Tvj
Virtual junction temperature
On-state (conducting)
-
160
°C
Reverse (blocking)
-
150
°C
Tstg
Storage temperature range
-55
150
°C
Fm
Clamping force
75.0
91.0
kN
CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VFM
Forward voltage
At 3000A peak, Tcase = 25°C
-
1.06
V
IRM
Peak reverse current
At VDRM, Tcase = 150°C
-
400
mA
VTO
Threshold voltage
At Tvj = 150°C
-
0.78
V
rT
Slope resistance
At Tvj = 150°C
-
0.0763
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com