Electronic Components Datasheet Search
  English  ▼

X  

MD111 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # MD111
Description  Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD111 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  MD111 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD111 Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
MD111
SP-MD111-A.001(Only For Toy Driver)
Version
:A.001
Page
:1
MD111
Low-saturation, Low-voltage
1 Channel Bi-directional Toy Motor Driver
General Specifications
The device is a 1-channel low-saturation bi-directional H-bridge driver IC. The design is
optimal for DC motor in toy application with forward, reverse, brake and stand-by function.
Features and Benefits
Low voltage operation ( VDD Min = VSMin
= 1.5V )
Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.4V typ. at
300mA , VDD = VS = 3V)
Low input current
Brake function
High output sinking and driving capability
Thin, highly reliable package (SOP-8, MSOP8)
Pin Assignment
Pin NO.
Pin Name
Description
1
VS
Power supply pin for output driver
2
O1
Output sinking / driving pin
3
IN3
Input pin 3 that determines driving mode
4
GND
Ground pin
5
IN1
Input pin 1 that determines driving mode
6
VDD
Power supply pin for controller.
7
IN2
Input pin 2 that determines driving mode
8
O2
Output sinking / driving pin
VDD
IN1
O1
IN3
GND
IN2
O2
VS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com