Electronic Components Datasheet Search
  English  ▼

X  

PS113 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # PS113
Description  3-Channel Secondary Monitoring IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS113 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button PS113 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS113 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3-Channel Secondary Monitoring IC
Version
:A.006
PAGE 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS113
Electrical Characteristics (Continued)
Over-Voltage Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS33
3.7
3.9
4.1
V
VS5
5.7
6.1
6.5
V
Over-Voltage Threshold
VS12
13.2
13.8
14.4
V
Under-Voltage Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS33
2.0
2.2
2.4
V
VS5
3.3
3.5
3.7
V
Under-Voltage Threshold
VS12
8.5
9.0
9.5
V
PSON/, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage
0.9
1.2
1.5
V
Hysteresis (VHYST)
±50
mV
PGI, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage for start Td1
1.16
1.25
1.33
V
Threshold Voltage for start Td2
0.60
0.63
0.75
V
Threshold Voltage for mask OC,UV
1.05
1.13
1.21
V
Hysteresis (VHYST)*
±50
mV
* All of the comparator for PGI input in block diagram.
PGO, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VPGO=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com