Electronic Components Datasheet Search
  English  ▼

X  

PS121 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # PS121
Description  Voltage Detecting IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS121 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  PS121 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
Voltage Detecting IC
-5 -
Version
:A.017
PS121
Note1: Once AC power is turned on, Vpgi will be pulled high before +5V input. At this time,
diode D1 will be turn off. The PG delay time is dependent on Cd as follows,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
×
=
×
=
−
−
μ
μ
7
.
8
85
.
1
sec,
)
(
216
.
0
d
ON
d
thcd
d
d
ON
d
C
I
V
C
T
pF
C
T
Note2: Diode D1 is connected to Vpgi to control the PG delay time when AC is off. The AC
off delay time can be controlled as follows,
1
1
2
)
85
.
1
(
2
1
85
.
1
)
(
2
1
R
V
C
R
V
V
V
C
I
V
C
I
I
V
C
T
Cd
d
thcd
Cd
thcd
d
OFF
d
thcd
d
d
thcd
d
OFF
d
+
×
×
=
+
×
×
=
×
=
−
×
−
−
≒
Among
OFF
d
T −
equation, the
)
(
2
1
thcd
Cd
V
V
+
×
is discharged average current.
Note3: Since the maximum threshold voltage at Pin 3(Cd) is 1.95V, the voltage across R1
has to be higher than 2V at normal operation.
Note4: In PCB layout condition, when the input-pin(VDD) smaller than detecting threshold
voltage(Vth), the power good signal of PS121 will connect to LOW, so the
ground-pin(VSS) must connect to the most clean ground of the power supply
system to avoid noise appear.
Note5: Suggested using RC filter circuit (Rx and Cx) to decrease ripples.
Note6: Suggested using component X1 and R1 to cut down Vpgi voltage.
Note7: Suggested using component X2 to avoid overshoot voltage damages IC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com