Electronic Components Datasheet Search
  English  ▼

X  

ST1111J Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # ST1111J
Description  PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1111J Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1111J Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1111J Datasheet HTML 8Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1111J
SP-ST1111J-A.005
Version
:A.005
Page
:3
Electrical Characteristics ( TA= 25°C , VDD= 5V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
1.5
5
7.5
V
Supply Current
IDD0
(Lock protection)
-
0.5
1
mA
Supply Current
IDD0
Operating
-
5
10
mA
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±1
μA
Input Current “L”
IIL
VIN = 0V
-
-
±5
mA
O1/O2 Output Terminal
( TJ = 25℃)
Output Voltage High
VOH
IOUT = 300 mA
4.4
-
-
V
Output Voltage Low
VOL
IOUT = 300 mA
-
-
0.6
V
Output Current
IOUT
RL = 30Ω
-
148
-
mA
FG Open-Drain Terminal ( TJ = 25℃)
Output Leakage Current
ILeak
VFG = 5V
-
-
5
μA
Output Current
IFG
VFGOL = 0.4V
6
-
-
mA
Output Voltage Low
VFGOL
IFG= 6 mA
-
-
0.4
V
Automatic Self-Restart Circuit
On Time
TON
-
-
215
-
ms
Duty Ratio
FGR
TOFF / TON
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com