Electronic Components Datasheet Search
  English  ▼

X  

ST1114C Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # ST1114C
Description  Double Coil Brushless DC Motor Predriver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114C Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

  ST1114C Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114C Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114C / ST1114L / ST1114M
SP-ST1114CLM-A.008
Version
:A.008
Page
:5
Application Notes
The FGR pin is an open-drained output and outputs the same frequency with HIN pin for
ST1114C, the half frequency of HIN pin for ST1114L, and rotation detection result for
ST1114M. For the rotation detecting output application by ST1114M, the FGR pin, with a
suitable external pull-up resistor, is at logical low state when fan is operating and logical high
state when fan is stopped.
The connection of the capacitance between VDD and GND will increase stability of operation.
The connection of the resistor R1 between VDD and pre-driver will protect device under 12V
operating. For 12V application, the recommended value of this resistor R1 is about 100Ω. For
24V or higher than 12V application, it is recommended that the operating voltage on IC must
be under 12V. As shown on application circuit, it is recommended to connect about 0.5KΩ~1K
Ω resistor R1 and 12Volts Zener Diode DZ between VDD and pre-driver and their values are
dependent on fan applications.
Fan Application
Suggestion for R1
Zener Diode at IC VDD
5V
75Ω
-
12V
100Ω
-
Above 12V(24V,48V)
0.5KΩ~1KΩ
<12V
The period of locking detection and automatic-restart are a little different at different operating
voltage. In normal 12V applications, the lock detection time is about 250ms and auto-restart
time is about 250ms per 2 seconds..
The power dissipated by the IC varies widely with the supply voltage, the output current, and
loading.
It is important to ensure the application does not exceed the allowable power
dissipation of the IC package.
The recommended motor driver power dissipation versus
temperature is depicted as follows:
Power Dissipation-Temperature
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
Ambient Temperature ( ℃ )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com