Electronic Components Datasheet Search
  English  ▼

X  

ST1114L Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # ST1114L
Description  Double Coil Brushless DC Motor Predriver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1114L Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1114L Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1114L Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1114C / ST1114L / ST1114M
SP-ST1114CLM-A.008
Version
:A.008
Page
:2
Pin Assignment
Pin NO.
Pin Name
Description
1
VDD
Power supply pin
2
O1
Output pin for driving power NPN
3
O2
Output pin for driving power NPN
4
FGR
Output pin of fan frequency (open-drain)
FG
: ST1114C
(The frequency is same with the HIN frequency. )
FG/2 : ST1114L
(the frequency is the half HIN frequency.)
RD
: ST1114M
(rotation detection)
5
GND
Ground pin
6
HIN
Input pin from Hall Latch IC
Features and Benefits
Pre-driver for 2-phase, half-wave Brushless DC motor applications
Suitable for 3V ~ 48V fan applications with less external components
Wide operating voltage (1.8V ~16V)
Lock detection and automatic self-restart
Larger operating voltage range.
FG output for ST1114C, FG/2 output for ST1114L, RD output for ST1114M
Thin, highly reliable package (SOT-26)
O1
VDD
O2
GND
HIN
FGR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com