Electronic Components Datasheet Search
  English  ▼

X  

ST1117B Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST1117B
Description  Single Coil Brushless DC Motor Drivers ( 1.5 to 8.5 Volts )
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1117B Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

  ST1117B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1117B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1117A / ST1117B /ST1117C
SP-ST1117ABC-A.007
Version
:A.007
Page
:6
Package Specifications ( SOT-28 )
Dimensions in Millimeters
SYMBOL
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-
1.90(TYP)
-
H
2.60
2.80
3.00
L
0.37
-
-
θ1
1
°
5
°
9
°
(8-pin SOT-28 )
D
E
H
b
A1
e
A
A2
θ1
C
L
*Note : The “7Ann” is the package marking where the
first
two
characters
“7A”
are
product
identification code shown as following table,
the last 2 characters "nn" are date code or lot
number, and therefore being subject to change.
Product
Mark(ID + Date Code)
ST1117A
7Ann
ST1117B
7Bnn
ST1117C
7Cnn
7Ann*
The products listed herein are designed for ordinary electronic applications, such as
electrical appliances, audio-visual equipment, communications devices and so on.
Hence, it is advisable that the devices should not be used in medical instruments,
surgical
implants,
aerospace
machinery,
nuclear
power
control
systems,
disaster/crime-prevention equipment and the like. Misusing those products may
directly or indirectly endanger human life, or cause injury and property loss.
Silicon Touch Technology, Inc. will not take any responsibilities regarding the
misusage of the products mentioned above. Anyone who purchases any products
described herein with the above-mentioned intention or with such misused applications
should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its
distributors and all their officers and employees shall defend jointly and severally
against any and all claims and litigation and all damages, cost and expenses associated
with such intention and manipulation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com