Electronic Components Datasheet Search
  English  ▼

X  

MCP14700 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP14700
Description  Dual Input Synchronous MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP14700 Datasheet HTML 18Page - Microchip Technology MCP14700 Datasheet HTML 19Page - Microchip Technology MCP14700 Datasheet HTML 20Page - Microchip Technology MCP14700 Datasheet HTML 21Page - Microchip Technology MCP14700 Datasheet HTML 22Page - Microchip Technology MCP14700 Datasheet HTML 23Page - Microchip Technology MCP14700 Datasheet HTML 24Page - Microchip Technology MCP14700 Datasheet HTML 25Page - Microchip Technology MCP14700 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22201A-page 23
MCP14700
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP14700:
Dual Input Synchronous MOSFET Driver
MCP14700T:
Dual Input Synchronous MOSFET Driver -
Tape and Reel (DFN and SOIC)
Temperature Range
E
=
-40
°C to +125°C (Extended)
Package
MF = Plastic Dual Flat, No Lead (3x3 DFN), 8-lead
SN = Plastic Small Outline, (3.90 mm), 8-lead
Examples:
a)
MCP14700-E/MF:
Extended Temperature,
8LD DFN package.
b)
MCP14700T-E/MF: Tape and Reel,
Extended Temperature,
8LD DFN package.
a)
MCP14700-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP14700T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com