Electronic Components Datasheet Search
  English  ▼

X  

MCP14700T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP14700T
Description  Dual Input Synchronous MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700T Datasheet(HTML) 5 Page - Microchip Technology

  MCP14700T Datasheet HTML 1Page - Microchip Technology MCP14700T Datasheet HTML 2Page - Microchip Technology MCP14700T Datasheet HTML 3Page - Microchip Technology MCP14700T Datasheet HTML 4Page - Microchip Technology MCP14700T Datasheet HTML 5Page - Microchip Technology MCP14700T Datasheet HTML 6Page - Microchip Technology MCP14700T Datasheet HTML 7Page - Microchip Technology MCP14700T Datasheet HTML 8Page - Microchip Technology MCP14700T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22201A-page 5
MCP14700
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VCC........................................................ -0.3V to +7.0V
VBOOT.................................................. -0.3V to +36.0V
VPHASE ............................ VBOOT -7VtoVBOOT +0.3V
VPWM.............................................-0.3V to VCC +0.3V
VHIGHDR ......................VPHASE -0.3VtoVBOOT +0.3V
VLOWDR .........................................-0.3V to VCC +0.3V
ESD Protection on all Pins .........................2 kV (HBM)
....................................................................400V (MM)
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational sections of this specifica-
tion is not intended. Exposure to maximum rating con-
ditions for extended periods may affect device
reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VCC = 5.0V, TJ = -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
VCC Supply Requirements
VCC Operating Range
VCC
4.5
5.0
5.5
V
Bias Supply Voltage
IVCC
—45
—
µA
PWMHI and PWMLO pin
floating
UVLO (Rising VCC)VUVLO
—
3.50
4.00
V
UVLO Hysteresis
VHYS
—500
—
mV
PWM Input Requirements
PWM Input Current
IPWM
—
7.0
10
µA
VPWM =3.0V
PWM Input Current
IPWM
—1.0
—
nA
VPWM =0V
PWMLO and PWMHI Rising
Threshold
PWMHI_TH
1.40
1.60
1.80
V
VCC =5.0V
PWMLO and PWMHI Falling
Threshold
PWMLO_TH
1.10
1.20
1.30
V
VCC =5.0V
PWM Input Hysteresis
PWMHYS
—400
—
mV
VCC =5.0V
Output Requirements
High Output Voltage (HIGHDR
and LOWDR)
VOH
VCC - 0.025
—
—
V
VCC =5.0V
Low Output Voltage (HIGHDR
and LOWDR)
VOL
—
—
0.025
V
VCC =5.0V
High Drive Source Resistance
RHI_SRC
—1.0
2.5
Ω
500 mA source current,
Note 1
High Drive Sink Resistance
RHI_SINK
—1.0
2.5
Ω
500 mA sink current, Note 1
High Drive Source Current
IHI_SRC
—2.0
—
A
Note 1
High Drive Sink Current
IHI_SINK
—2.0
—
A
Note 1
Low Drive Source Resistance
RLO_SRC
—1.0
2.5
Ω
500 mA source current,
Note 1
Low Drive Sink Resistance
RLO_SINK
—0.5
1.0
Ω
500 mA sink current, Note 1
Low Drive Source Current
ILO_SRC
—2.0
—
A
Note 1
Low Drive Sink Current
ILO_SINK
—3.5
—
A
Note 1
Note 1:
Parameter ensured by characterization, not production tested.
2:
See Figure 4-1 and Figure 4-2 for parameter definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com