Electronic Components Datasheet Search
  English  ▼

X  

PIC18F8722 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F8722
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F8722 Datasheet HTML 7Page - Microchip Technology PIC18F8722 Datasheet HTML 8Page - Microchip Technology PIC18F8722 Datasheet HTML 9Page - Microchip Technology PIC18F8722 Datasheet HTML 10Page - Microchip Technology PIC18F8722 Datasheet HTML 11Page - Microchip Technology PIC18F8722 Datasheet HTML 12Page - Microchip Technology PIC18F8722 Datasheet HTML 13Page - Microchip Technology PIC18F8722 Datasheet HTML 14Page - Microchip Technology PIC18F8722 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 9
PIC18F8722 FAMILY
1.3
Details on Individual Family
Members
Devices in the PIC18F8722 family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in five
ways:
1.
Flash
program
memory
(48
Kbytes
for
PIC18F6527/8527
devices,
64
Kbytes
for
PIC18F6622/8622
devices,
96 Kbytes
for
PIC18F6627/8627 devices and 128 Kbytes for
PIC18F6722/8722).
2.
A/D channels (12 for 64-pin devices, 16 for
80-pin devices).
3.
I/O ports (7 bidirectional ports on 64-pin devices,
9 bidirectional ports on 80-pin devices).
4.
External Memory Bus, configurable for 8 and
16-bit operation, is available on PIC18F8527/
8622/8627/8722 devices.
All other features for devices in this family are identical.
These are summarized in Table 1-2 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.
Like all Microchip PIC18 devices, members of the
PIC18F8722 family are available as both standard and
low-voltage devices. Standard devices with Enhanced
Flash memory, designated with an “F” in the part
number (such as PIC18F6627), accommodate an
operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF6627),
function over an extended VDD range of 2.0V to 5.5V.
TABLE 1-1:
DEVICE FEATURES (PIC18F6527/6622/6627/6722)
Features
PIC18F6527
PIC18F6622
PIC18F6627
PIC18F6722
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
48K
64K
96K
128K
Program Memory (Instructions)
24576
32768
49152
65536
Data Memory (Bytes)
3936
3936
3936
3936
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
28282828
I/O Ports
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Timers
5
5
5
5
Capture/Compare/PWM
Modules
22
22
Enhanced Capture/Compare/
PWM Modules
33
33
Enhanced USART
2
2
2
2
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital Module
12 Input Channels
12 Input Channels
12 Input Channels
12 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out
Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
64-pin TQFP
64-pin TQFP
64-pin TQFP
64-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com