Electronic Components Datasheet Search
  English  ▼

X  

CJS181000FB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CJS181000FB
Description  THICK FILM RESISTORS - Gold Terminal, Anti-Sulfuration SMD Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CJS181000FB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CJS181000FB Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
THICK FILM RESISTORS – Gold Terminal, Anti-Sulfuration
The content of this specification may change without notification 08/30/07
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
Custom solutions are available.
CRS/CJS Series SMD Resistors
HOW TO ORDER
CRS
10
1000
F
M
Packaging
M = 7” Reel
B = Bulk
Tolerance (%)
J = +5 G = +2 F = +1 D = +0.5
EIA Resistance Value
Standard Decade Values
Size
16 = 0603
18 = 1206
10 = 0805
14 = 1210
Series
CJS = Jumper
CRS = Resistor
SCHEMATIC
DIMENSIONS (mm)
Size
L
W
t
c
d
0402
1.00
± 0.005
0.50
± 0.05
0.35
± 0.05
0.20
± 0.10
0.25
± 0.05, 0.10
0603
1.60 + 0.15
0.80 + 0.15
0.45 + 0.10
0.30 + 0.20
0.30 + 0.20
0805
2.00 + 0.20
1.25 + 0.10
0.50 + 0.10
0.40 + 0.20
0.40 + 0.20
1206
3.20
+0.015-0.20
1.60
+0.05-0.15
0.60 + 0.10
0.50 + 0.25
0.50 + 0.30
1210
3.20 + 0.10
2.50
-0.20-0.10
0.60 + 0.10
0.50 + 0.20
0.50 + 0.20
2010
5.00
± 0.20
2.50
± 0.15
0.60
± 0.10
0.60
± 0.20
0.50
± 0.30
2512
6.30
± 0.20
3.20
± 0.20
0.60
± 0.10
0.70
± 0.20
0.70
± 0.20
CONSTRUCTION
Substrate
96% Alumina
Resistive Element
RuO2
Protective Coating
Boric/Silicate Acid Lead Glass
Upper Inner Layer
Au
Side/Bottom Layer
AgPd
Middle Layer
Ni
Terminal
Outer Layer
Sn
Size
0402
0603
0805
1206
1210
2010
2512
Power Rating (EIA 575)
0.063W
0.1W
0.10W
0.125W
0.25W
0.75W
1w
Max Working Voltage*
50V
50V
150V
200V
200V
200V
200V
Max Overload Voltage
100V
100V
300V
400V
400V
400V
400V
Tolerance (%)
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
±0.5, ±1, ±2
±5
EIA Values
E-96, E-24
E-96, E-24
E-96, E-24
E-96, E-24
E-96, E-24
E-96, E-24
E-96, E-24
Resistance
10 ~ 1 M
Ω
10 ~ 1 M
Ω
10 ~ 1 M
Ω
10 ~ 1 M
Ω
10 ~ 1 M
Ω
10 ~ 1 M
Ω
10 ~ 1 M
Ω
TCR (ppm/
°C)
±200
±200
±200
±200
±200
±200
±200
Operating Temp.
-55
°C ~
+125
°C
-55
°C ~
+125
°C
-55
°C ~
+125
°C
-55
°C ~
+125
°C
-55
°C ~
+125
°C
-55
°C ~
+125
°C
-55
°C ~
+125
°C
* Rated Voltage: √PxR
FEATURES
Gold (Au) Terminations prevents sulfuration in a
sulfur containing environment
Ideal solder attachment and improved conductivity
High Stability Thick Film Resistor
Operating temperature -55
°C ~ +125°C
Tolerances as tight as +0.5%
TCR to +200ppm


Similar Part No. - CJS181000FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJS1037A ETC-CJS1037A Datasheet
130Kb / 6P
USB extension control chip CH315G USB signal isolation control chip CH315H
Version:1A
More results

Similar Description - CJS181000FB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
flat chip resistors (anti-sulfuration)
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
logo
Panasonic Semiconductor
ERJ-S030R00V PANASONIC-ERJ-S030R00V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
KOA Speer Electronics, ...
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
logo
Panasonic Semiconductor
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-S060R00V PANASONIC-ERJ-S060R00V Datasheet
93Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com