Electronic Components Datasheet Search
  English  ▼

X  

5682 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5682
Description  Extended Tip with .080??Pin Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5682 Datasheet(HTML) 1 Page - Pomona Electronics

  5682 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90724
(800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
R:\Release\DataSheet\3_Market_00\D5682_1_01.doc
Page 1 of 1
Model 5682
Extended Tip with .080” Pin Jack
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FEATURES:
• Fits directly over the test probe tip , allowing testing of hard-to-reach points.
• Tip is insulated to the point, providing protection from accidental shorting of adjacent components.
MATERIALS:
Insulation: Nylon
Tip: Stainless Steel with Kynar Insulation
RATINGS:
Operating Temperature: +50°C. (+122°F.) Max.
Operating Voltage: 300 VRMS/DC
Operating Current: 3 Amperes Max.
ORDERING INFORMATION: Model 5682-*
* = Color, -0 Black, -2 Red


Similar Part No. - 5682

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5682 ALPHAWIRE-5682 Datasheet
411Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Adafruit Industries
5682 ADAFRUIT-5682 Datasheet
289Kb / 3P
Micro Connector Crimping Pliers
4-19-22
logo
Cooper Bussmann, Inc.
5682-01 COOPER-5682-01 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5682-02 COOPER-5682-02 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5682-11 COOPER-5682-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results

Similar Description - 5682

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
1437 POMONA-1437 Datasheet
20Kb / 1P
Alligator Clip To Pin Tip Jack With Flex Boot
3491 POMONA-3491 Datasheet
24Kb / 1P
Insulated Minigator Clip To Pin Tip Jack
3542 POMONA-3542 Datasheet
43Kb / 1P
Insulated Panel Mount Pin Tip Jack
4543 POMONA-4543 Datasheet
31Kb / 1P
Insulated Double Pin Tip Jack
4772 POMONA-4772 Datasheet
17Kb / 1P
Square Pin Receptacle To 2.0(.080) Pin Tip Plug
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
09-Jun-1999
logo
List of Unclassifed Man...
BU-P3542-0 ETC2-BU-P3542-0 Datasheet
191Kb / 1P
Pin Tip Jack (Panel Mount)
BU-P4543-0 ETC2-BU-P4543-0 Datasheet
180Kb / 1P
Double Pin Tip Jack
BU-P4543-2 ETC2-BU-P4543-2 Datasheet
180Kb / 1P
Double Pin Tip Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com