Electronic Components Datasheet Search
  English  ▼

X  

6740 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6740
Description  75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6740 Datasheet(HTML) 1 Page - Pomona Electronics

  6740 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 6737, 6738, 6739, 6740 - 75 Ω BNC Adapters
BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
Model 6737 BNC (F/F)
Model 6738 BNC (F/F/F)
Model 6739 BNC (F/M/F)
Model 6740 BNC (M/M)
Incorporate Pomona 75 Ω BNC
adapters in your broadcast
application designs
Features
All connectors and adapters designed to 75 Ω for
broadcast applications. Precision machined. PTFE.
Materials
• Precision machined brass with tarnish resistant
nickel plating
• Male center pin contacts are gold plated brass
(20 micro inches). Female center contacts are gold
plated heat treated beryllium copper.
• Insulation material is high density PTFE (not delrin).
Specifications
Nominal impedance
75 Ω
Frequency
0-3 GHz
VSWR
1.10 max. 0-1 GHz
1.35 max. 1-3 GHz
Center contact resistance
1.5 mΩ
Insulation resistance
5000 MΩ
Number of insertions
500
Ratings: Voltage: 500 Vrms
Operating temperature: -85˚ F to +131 ˚F (-65 ˚C to
+155 ˚C) Max.
USA: Sales: 800-490-2361 Technical Support: 800-241-
2060 Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 9/2004
2391588 D-ENG-N Rev A Page 1 of 1


Similar Part No. - 6740

ManufacturerPart #DatasheetDescription
logo
Littelfuse
674 LITTELFUSE-674 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
VIIC CONTROL UNIT
logo
Labfacility Ltd
674-084 LABFACILITY-674-084 Datasheet
1Mb / 1P
External Cable Clamps
logo
Oscilent Corporation
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
SMD Resonator
674-10.5M-33-03-N-TR OSCILENT-674-10.5M-33-03-N-TR Datasheet
143Kb / 3P
SMD Resonator
More results

Similar Description - 6740

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6754 POMONA-6754 Datasheet
170Kb / 1P
BNC (F/M/F) Adapter, In-Line, 75 廓
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com