Electronic Components Datasheet Search
  English  ▼

X  

7269 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 7269
Description  XLR/RCA Adapters, F/M, M/M, F/F, M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

7269 Datasheet(HTML) 1 Page - Pomona Electronics

  7269 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 7269, 7270, 7271 and 7272
XLR/RCA Adapters, F/M, M/M, F/F, M/F
Model 7269 XLR (F) / RCA (M)
Model 7271 XLR (F) / RCA (F)
Use as adapter from XLR to
RCA (phono).
Features
•
Audio cable adapters available with 3 XLR and 1
RCA pin contacts
•
Silver streamlined profile with compact shell
•
Pre-assembled
USA:
Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Materials
•
Body is die cast zinc alloy with tarnish resistant
nickel plating.
•
Contacts are nickel-plated brass.
Ordering Information
Model: 7269, 7270, 7271, 7272
Model 7270 XLR (M) / RCA (M)
Model 7272 XLR (M) / RCA (F)
Specifications
Number of contacts
3 (XLR); 1(RCA)
Contact resistance
< 3 m Ω
Dielectric strength
1000 V dc
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 10/2004 2401716 D-ENG-N Rev A
Page 1 of 1


Similar Part No. - 7269

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7269 GILWAY-7269 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Carclo Technical Plasti...
7269/01 COIL-7269/01 Datasheet
3Mb / 24P
OPTICS CATALOGUE
7269/30 COIL-7269/30 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
TE Connectivity Ltd
726974-000 TEC-726974-000 Datasheet
189Kb / 5P
202237-1
More results

Similar Description - 7269

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com