Electronic Components Datasheet Search
  English  ▼

X  

7035 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 7035
Description  BNC (M) 50 廓 Crimp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

7035 Datasheet(HTML) 2 Page - Pomona Electronics

  7035 Datasheet HTML 1Page - Pomona Electronics 7035 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model 7035
BNC (M) 50 Ω Crimp, 55A, 142, 142A, 223, 400
Cable Types and Crimp Die Information
Connector
Model #
Cable Groups
Crimp Die set*
Size (Hex/Pin)
7035
RG 55A, 142, 142A,
223, 400
Model 7278
(.213 / .068)
USA: Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
*For use with Pomona crimp tool Model 7277.
Cable Assembly Instructions
2060 Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 10/2004 2401725 D-ENG-N Rev A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com