Electronic Components Datasheet Search
  English  ▼

X  

7151 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 7151
Description  Cable Mounted 쩌??Phone Plugs and Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

7151 Datasheet(HTML) 1 Page - Pomona Electronics

  7151 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 7140, 7142, 7148, 7150, 7151, 7152,7153
Cable Mounted ¼” Phone Plugs and Jack
Model 7140 ¼” Phone Plug 2 Conductor (Mono)
Model 7148 ¼” Phone Jack-Locking (Stereo or Mono)
Model 7151 ¼” Phone Plug 2 Conductor (Mono)-Right Angle
Use for optimal audio signal
transfer and secure connection.
Features
•
Available in mono and stereo versions
•
Two and three conductor versions
•
Quick to assemble
•
Rugged all metal housing
Materials
•
Body for models, 7140, 7142, 7148, 7151 is
diecast zinc alloy with tarnish resistant nickel-
plating
•
Sturdy strain relief clamp (7140, 7142, 7148):
POM.
•
Plugs are nickel-plated brass
Ordering Information
USA: Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Model: 7140, 7142, 7148, 7150, 7151, 7152, 7153.
Model 7142 ¼” Phone Plug 3 Conductor (Stereo)
Model 7150 ¼” Phone Plug 2 Conductor (Mono)-Long Handle
Model 7152 ¼” Phone Plug 3 Conductor (Stereo)
Model 7153 ¼” Phone Plug 2 Conductor (Mono)-Large
Diameter Cable
Specifications
MODEL
WIRE SIZE (AWG)
O.D.
POLES
7140
18 AWG / 1 mm
2
4-7 mm
2
(Mono)
7142
18 AWG / 1 mm
2
4-7 mm
3
(Stereo)
7148
18 AWG / 1 mm
2
4-7 mm
2 or 3
(Mono
or
Stereo)
7150
18 AWG / 1 mm
2
12 mm
2
(Mono)
7151
18 AWG / 1 mm
2
4-7 mm
2
(Mono)
7152
16 AWG / 1.5 mm
2
12 mm
3
(Stereo)
7153
16 AWG / 1.5 mm
2
17.5 mm
2
(Mono)
2060
Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 10/2004 2401778 D-ENG-N Rev A
Page 1 of 1


Similar Part No. - 7151

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
List of Unclassifed Man...
7151 ETC2-7151 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
71510 ETC1-71510 Datasheet
199Kb / 1P
The ideal multi-purpose bits for all around quality and performance
logo
TE Connectivity Ltd
715131-1 TEC-715131-1 Datasheet
43Kb / 5P
Insertion / Extraction Tool Types
November 2011
logo
Molex Electronics Ltd.
71514-C MOLEX5-71514-C Datasheet
158Kb / 4P
9.53mm (.375") Pitch Beau??PCB Terminal Strip without Mounting Ends, Low Profile, PC Tail, 14 Circuits
More results

Similar Description - 7151

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7158 POMONA-7158 Datasheet
146Kb / 1P
쩌??2 & 3-Cond. Phone Jack, PC Board Mount
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
logo
Switchcraft, Inc.
482NC SWITCH-482NC Datasheet
17Kb / 1P
LITTEL PLUG짰 PHONE PLUGS
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
logo
Pomona Electronics
MODEL1297 POMONA-MODEL1297 Datasheet
25Kb / 2P
BNC (Female) To Standard 쩌??Two Conductor Phone Plug
logo
Adam Technologies, Inc.
ASJ-22-3 ADAM-TECH-ASJ-22-3 Datasheet
81Kb / 1P
PHONE JACK
ASJ-63A-3 ADAM-TECH-ASJ-63A-3 Datasheet
78Kb / 1P
PHONE JACK
ASJ-117-C ADAM-TECH-ASJ-117-C Datasheet
81Kb / 1P
PHONE JACK
ASJ-119-A ADAM-TECH-ASJ-119-A Datasheet
80Kb / 1P
PHONE JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com