Electronic Components Datasheet Search
  English  ▼

X  

6803 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6803
Description  F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6803 Datasheet(HTML) 1 Page - Pomona Electronics

  6803 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 6800, 6801, 6802, 6803
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
Model 6800, F (M/F) Right angle adapter
Model 6801 F (M/F) In-Line adapter
Model 6802 F (F/F) Bulkhead adapter
Model 6803 F Straight PCB mount connector
Features
•
True 75 Ω BNC adapters.
•
Gold-plated (15 micro–inches) contacts.
•
BNC insulation material is PTFE (not delrin).
Materials
•
Body is made of machined brass with tarnish
resistant nickel-plating.
•
Body made from precision machined high quality
brass (not die cast).
•
Male center contacts are gold-plated brass.
•
Female contacts are gold-plated beryllium copper.
•
Polypropylene insulators.
Ordering Information
Model: 6800, 6801, 6802, 6803
Specifications
Nominal impedance
75 Ω
Frequency
1.5 GHz
VSWR
1.50 max.
Connector body resistance
5.0 mΩ
Number of insertions
500
Dielectric withstand voltage
500 Vrms
Ratings: Voltage: 500 Vrms
Operating temperature: -40 ˚F to +131 ˚F (-40 ˚C to
+65 ˚C) Max.
Copyright © 2004 11/2004 2416457 D-ENG-N Rev A Page 1 of 1
USA:
Sales: 800-490-2361 Technical Support: 800-241-
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.


Similar Part No. - 6803

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6803 GILWAY-6803 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Filtronic Compound Semi...
6803 FILTRONIC-6803 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6803 APITECH-6803 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
FCI connector
68030 FCI-CONNECTOR-68030 Datasheet
286Kb / 3P
54020-68030LF - PLCC Through Hole Sockets
68031-XYY FCI-CONNECTOR-68031-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results

Similar Description - 6803

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SDKN-99-34 WINCHESTER-SDKN-99-34 Datasheet
92Kb / 1P
N BULKHEAD ADAPTER F-F
SDKN-99-67 WINCHESTER-SDKN-99-67 Datasheet
51Kb / 1P
ADAPTER, F-F, BULKHEAD, ANGLE, N
KN-99-34 WINCHESTER-KN-99-34 Datasheet
36Kb / 1P
N BULKHEAD ADAPTER F-F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com