Electronic Components Datasheet Search
  English  ▼

X  

1270 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 1270
Description  BNC (Male) To Double Stacking Banana Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

1270 Datasheet(HTML) 1 Page - Pomona Electronics

  1270 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/22/02 SY/EH/LS
PomonaACCESS 90498 (800) 444-6785 or (424) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d1270_1_02.doc
Page 1 of 1
Model 1270
BNC (Male) To Double
Stacking Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Adapter converts Double Banana Jack Test Instruments to BNC Coaxial configuration for added shielding protection.
• For test versatility, banana plugs can be vertically and horizontally stacked to the adapter.
• Banana Plug springs feature Nickel Plated, Beryllium Copper for tarnish resistance & long insertion life.
• The BNC center contact is Gold Plated, Brass for low contact resistance
• The BNC shell is plated for tarnish resistance.
MATERIALS:
BNC (Male): Body: Brass, Nickel Plated
Center Contact: Brass, Gold Plated
Impedance: 50 Ohms
Banana Plug: Body: Brass, Nickel Plated
Spring: Beryllium Copper, Nickel Plated
Insulation: ABS Molded to BNC (Male) and Banana Plug Bodies, Color: Black
Marking: “1270 POMONA”
RATINGS:
Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 500 V
RMS Max.
Operating Temperature: +50°C (+122°F) Max.
ORDERING INFORMATION: Model 1270


Similar Part No. - 1270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1270 ETC2-1270 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Bourns Electronic Solut...
1270 BOURNS-1270 Datasheet
745Kb / 6P
1270 Series IEC Class I AC Surge Protective Device
07/24
logo
Adafruit Industries
1270 ADAFRUIT-1270 Datasheet
89Kb / 2P
Adafruit 1.2" 4-Digit 7-Segment Display w/I2C Backpack - Red
logo
CEE Norm UK Ltd
1270 CEENORM-1270 Datasheet
1Mb / 4P
Socket Outlets
logo
API Technologies Corp
1270-016 APITECH-1270-016 Datasheet
46Kb / 1P
FILTER SING, Pi,BSHG
More results

Similar Description - 1270

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
3957 POMONA-3957 Datasheet
50Kb / 1P
BNC (Male) to Multi-Stacking Banana Plugs
1269 POMONA-1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
4530 POMONA-4530 Datasheet
27Kb / 1P
BNC (Male) With Molded Strain Relief To Stacking Double Banana Plug
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
83Kb / 1P
BNC MALE TO DOUBLE BANANA PLUG
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
MODEL1270 POMONA-MODEL1270 Datasheet
33Kb / 1P
BNC (Male) To Double Stacking Banana Plug
logo
List of Unclassifed Man...
BU-5070-B-12-0 ETC2-BU-5070-B-12-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
BNC Male to Stackable Double Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com