Electronic Components Datasheet Search
  English  ▼

X  

5230 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5230
Description  Standard Banana Jacks, Solderless and Stackable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5230 Datasheet(HTML) 1 Page - Pomona Electronics

  5230 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D1093603 Rev. 101
Page 1 of 1
Model 1325, 5230, 5406, 6546
Standard Banana Jacks, Solderless and Stackable
Standard Banana Vertical
Stack-Up Jack
Features
•
Designed to fit on the end of any 22 AWG to 18 AWG wire.
•
Cross hole wire entry fits wires up to .12” (3mm) diameter.
•
Available with tarnish resistant nickel or gold plating for
very low contact resistance.
•
Model 5230 is rated to temperatures up to +302°F
(+150°C).
•
Set screw simplifies assembly of test leads and jumpers
by using a flat blade screwdriver.
•
Fits standard panel and binding post banana jacks .161” to
.166” (4,0mm to 4,2mm) diameter.
Materials
Banana Jack:
Beryllium Copper, Gold Plated
Banana Plug:
Body – Brass, Nickel Plated (Model 5406 Gold Plated)
Spring – Beryllium Copper, Nickel Plated (Model 5406 Gold Plated)
Insulation:
ABS (Model 5230 Polyphenylene Sulfide)
Set Screw:
Steel, Zinc Plated, 8-32 Single Slot
Ratings
Voltage:
For CE compliance and for personal safety, do not hold in hand when voltages exceed 33 Vrms/70 Vdc.
Maximum voltage for hands free use in controlled testing environments: 5000 Vrms Max. Do not use on
circuits where transient stresses can exceed the rated voltage.
Current:
15 Amps
Maximum Operating Temperature:
+122ºF (+50ºC) max. (Model 5230: +302ºF (+150ºC) max.)
Ordering Information
Model: 1325-color
Nickel Plated Banana with ABS Insulation
Color: 0=Black, 1=Brown, 2=Red, 3=Orange, 4=Yellow, 5=Green, 6=Blue, 7=Violet, 8=Gray, 9=White,
02=set of Black and Red
Ordering example:
1325-5 (1325 with green ABS insulation)
Model: 5406-0 Gold Plated Banana Plug with ABS Black Insulation
Model: 5406-2 Gold Plated Banana Plug with ABS Red Insulation
Model: 5230-0 Nickel Plated Banana with High Temperature Black Insulation (Polyphenylene Sulfide)
Model: 5230-6 Nickel Plated Banana with High Temperature Blue Insulation (Polyphenylene Sulfide)
Model: 6546 Package of ten 1325, one of each color.
Model: 4914 Replacement Set Screws, package of 100.


Similar Part No. - 5230

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
5230 GAMEWELL-FCI-5230 Datasheet
429Kb / 2P
TWO-ZONE PANEL
5230 GAMEWELL-FCI-5230 Datasheet
431Kb / 2P
FOUR-ZONE PANEL
logo
Keystone Electronics Co...
5230 KEYSTONE-5230 Datasheet
445Kb / 1P
SURFACE MOUNT BATTERY CLIPS/CONTACTS
31-07 20th
logo
Pomona Electronics
5230-0 POMONA-5230-0 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
5230-6 POMONA-5230-6 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
More results

Similar Description - 5230

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1825 POMONA-1825 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-2 3M-1825-2 Datasheet
34Kb / 1P
Standard Banana Jacks, Solderless and Stackable
Rev 100
1825-5 3M-1825-5 Datasheet
76Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
1825-7 3M-1825-7 Datasheet
163Kb / 1P
Standard Banana Plug, Solderless and Stackable
Rev. 101
logo
Pomona Electronics
5230-0 POMONA-5230-0 Datasheet
27Kb / 2P
Stackable Type For Standard Banana Jacks
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com