Electronic Components Datasheet Search
  English  ▼

X  

CP85138 Datasheet(PDF) 1 Page - CUI INC

Part # CP85138
Description  PELTIER MODU LE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP85138 Datasheet(HTML) 1 Page - CUI INC

  CP85138 Datasheet HTML 1Page - CUI INC CP85138 Datasheet HTML 2Page - CUI INC CP85138 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
a division of CUI INC
date
page
08/2009
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.v-infinity.com
PART NUMBER:
DESCRIPTION: PELTIER MODULE
CP85138
FEATURES
•solid state device
•small and lightweight
•precise temperature control
•quiet operation
•RoHS compliant
*for further information and product selection refer to
RoHS
INPUT
parameter
conditions/description
min
nom
max
units
resistance
measured by AC 4-terminal method at 25°C
0.18
0.20
0.22
current
maximum current at ∆Tmax
8.5
A
voltage
maximum voltage at ∆Tmax
2.1
V
OUTPUT
parameter
conditions/description
min
nom
max
units
Qmax1
Th = 27°C
Th = 50°C
10.0
11.1
W
W
∆Tmax2
Th = 27°C
Th = 50°C
68
75
°C
°C
GENERAL
parameter
conditions/description
min
nom
max
units
solder melting temperature
connection between thermoelectric pairs
138
°C
assembly compression
98.07
10
N/cm2
kgf/cm2
hot side plate
90
°C
MTBF
200,000
hours
peltier application notes.pdf
Notes:
1. Maximum cooling capacity at Imax, Vmax, and ∆T = 0°C
2. Maximum temperature difference at Imax, Vmax, Q = 0 W (maximum parameters are measured in a vacuum)


Similar Part No. - CP85138

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP85138 CUI-CP85138 Datasheet
604Kb / 10P
PELTIER MODULE
CP85138 CUI-CP85138 Datasheet
543Kb / 10P
PELTIER MODULE
More results

Similar Description - CP85138

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP30138 CUI-CP30138 Datasheet
143Kb / 3P
PELTIER MODU LE
CP30238 CUI-CP30238 Datasheet
144Kb / 3P
PELTIER MODU LE
CP40136 CUI-CP40136 Datasheet
145Kb / 3P
PELTIER MODU LE
CP40236 CUI-CP40236 Datasheet
144Kb / 3P
PELTIER MODU LE
CP40336 CUI-CP40336 Datasheet
145Kb / 3P
PELTIER MODU LE
CP60133 CUI-CP60133 Datasheet
142Kb / 3P
PELTIER MODU LE
CP60333 CUI-CP60333 Datasheet
142Kb / 3P
PELTIER MODU LE
CP60340 CUI-CP60340 Datasheet
140Kb / 3P
PELTIER MODU LE
CP60440 CUI-CP60440 Datasheet
142Kb / 3P
PELTIER MODU LE
CP85238 CUI-CP85238 Datasheet
144Kb / 3P
PELTIER MODU LE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com