Electronic Components Datasheet Search
  English  ▼

X  

CZT01 Datasheet(PDF) 1 Page - CUI INC

Part # CZT01
Description  incremental encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CZT01 Datasheet(HTML) 1 Page - CUI INC

  CZT01 Datasheet HTML 1Page - CUI INC CZT01 Datasheet HTML 2Page - CUI INC CZT01 Datasheet HTML 3Page - CUI INC CZT01 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
1 of 4
7/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CZT01
ELECTRICAL SPECIFICATIONS
current consumption
100mA or less (under no load)
supply voltage
10 V dc
supply current
1 mA
output resolution (ppr)
12
contact resistance
500m
Ω max.
insulation resistance
50M
Ω min.
dielectric strength
50 V ac (50 ~ 60 Hz, cut-off current 2 mA) is applied between
non-connected terminals and between terminals and the metal frame for
60 ±5 seconds
MECHANICAL SPECIFICATIONS
detent points
12 detent points each (detent angle: 30° ±3°)
shaft play in axial direction
0.3 mm max.
rotational torque
14 ~ 40 gf
·cm
rotational life
100000 cycles (at 3~30 cycles per minute with 0.5 mA, 5 V dc load)
mounting height
7 ± 0.1mm
mechanical strength
free from mechanical abnormalities after test (testing detailed in figure 1)
ENVIRONMENTAL SPECIFICATIONS
operating temp
-25° to +85° C
humidity
≤85% RH
vibration proof
10 ~ 55 Hz / 1.5mm 2h each X, Y, Z
FIGURE 1
Mount the product to the P.C.B. and apply a static force of 10 gf
·cm minimum. Contact resistance: 5Ω max., Insulation
resistance: 10 M
Ω min.


Similar Part No. - CZT01

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
CZT122 KEXIN-CZT122 Datasheet
38Kb / 1P
Surface Mount NPN Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CZT122 CENTRAL-CZT122 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CZT122 CENTRAL-CZT122 Datasheet
597Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Jiangsu Changjiang Elec...
CZT122 JIANGSU-CZT122 Datasheet
665Kb / 1P
TRANSISTOR (NPN)
logo
Central Semiconductor C...
CZT122 CENTRAL-CZT122_10 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - CZT01

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com