Electronic Components Datasheet Search
  English  ▼

X  

MES3-100PP Datasheet(PDF) 3 Page - CUI INC

Part # MES3-100PP
Description  INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3-100PP Datasheet(HTML) 3 Page - CUI INC

  MES3-100PP Datasheet HTML 1Page - CUI INC MES3-100PP Datasheet HTML 2Page - CUI INC MES3-100PP Datasheet HTML 3Page - CUI INC MES3-100PP Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.146
3.7
5.0 0.197
M4x0.5
plate
reinforcing
exposed
conductor
surface
2.5 0.098
7.1 0.280
9.6 0.378
0.118
3.0
1.5 0.059
NOTE 1
0.102
2.6
150.0 5.906
5.0
800-275-4899
Fax: 503-612-2383
RoHS
SPECIFIED
A
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Website: www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
NOTES:
1. conforms to JAE connector
IL-FPR-6S-HF-N1
DRAWN BY:
PART NO.
SCALE:
ZRJ
5:1
UNITS:
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
MES3
MES3
PC FILE NAME:
MES3
APPROVED BY:
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/24/2009



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com