Electronic Components Datasheet Search
  English  ▼

X  

1837 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 1837
Description  Double Banana Plug, Three Terminal Isolation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

1837 Datasheet(HTML) 1 Page - Pomona Electronics

  1837 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90846
(800) 444-6785 or (425) 466-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d1837_1_01.doc
Page 1 of
1
Model 1837
Double Banana Plug,
Three Terminal Isolation
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Used to make your own attenuator, balun or
filter.
MATERIALS:
Upper Connector: Double Banana Jack
Brass per QQ-B-626, Alloy 360, ½ hard.
Finish: Nickel plate per QQ-N-290 Class 2
(.0002/.0003)
Insulation: Polypropylene, molded to banana jacks and
banana plug bodies. Color: Blue.
Marking: “POMONA ELECTRONICS,
CALIF.”, “MODEL 1837”
Lower Connector: Double Banana Plug
Spring - Beryllium Copper per QQ-C-533,
Berylco 25, Cond. H.T.
Plug Body – Brass per QQ-B-626, Alloy 360,
½ Hard.
Finish: Nickel plate per QQ-N-290 Class 2
(.0002/.0003)
Solder Turret Terminals:
Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Bright tin plated per MIL-T-10727, Type I,
(.0001/.0003).
RATINGS:
Operating Temperature: +55°C. (+131°F.) Max.
Operating Voltage: 2500 VDC
Current: 15 Amperes
Contact Resistance: Less than .001 Ohms per banana
plug
ORDERING INFORMATION: Model 1837


Similar Part No. - 1837

ManufacturerPart #DatasheetDescription
logo
Heyco.
1837 HEYCO-1837 Datasheet
143Kb / 1P
ST Lockit™ Strain Relief Bushings
logo
Abbatron All Rights Res...
1837 ABBATRON-1837 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
1837 KEYSTONE-1837 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Vicor Corporation
18370 VICOR-18370 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
PHOENIX CONTACT
1837006 PHOENIX-1837006 Datasheet
91Kb / 3P
Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
More results

Similar Description - 1837

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
1390 POMONA-1390 Datasheet
23Kb / 1P
Banana Plug, Isolation
1823 POMONA-1823 Datasheet
22Kb / 1P
Double Banana Plug Splice
logo
Pasternack Enterprises,...
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
Three-terminal isolation
logo
Pasternack Enterprises,...
PE3005-12 PASTERNACK-PE3005-12 Datasheet
118Kb / 1P
cabel assembly, rg58c/u, double banana plug to double banana plug
PE3005-24 PASTERNACK-PE3005-24 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-48 PASTERNACK-PE3005-48 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-60 PASTERNACK-PE3005-60 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3013-24 PASTERNACK-PE3013-24 Datasheet
136Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com