Electronic Components Datasheet Search
  English  ▼

X  

BAT54SWGH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAT54SWGH
Description  Schottky Barrier Diode Lead free product Halogen - free type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54SWGH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAT54SWGH Datasheet HTML 1Page - Zowie Technology Corporation BAT54SWGH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Schottky Barrier Diode
Lead free product
These Schottky barrier diodes are designed for high speed switching applications, circuit protection,
and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where space is limited.
* Extremely Fast Switching Speed
* Low Forward Voltage-0.35 Volts (Typ) @ IF=10mAdc
30 VOLTS
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODE
Zowie Technology Corporation
2009/02
BAT54SWGH
1
2
3
SOT-323
Characteristic
Symbol
Min.
Max.
Typ.
Unit
VF
-
-
-
-
-
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
1.00
ELECTRICAL CHARACTERISTICS (TA
=25
o
C unless otherwise noted)
V(BR)
30
-
-
Volts
Vdc
OFF CHARACTERISTICS
Forward Voltage
IR
-
2.0
uAdc
Reverse Leakage ( VR=25 Vdc )
Reverse Breakdown Voltage
( IR=10 uAdc )
CJ
-
10
pF
Diode Capacitance
( VR=1.0V, f=1.0MHZ )
trr
-
5.0
0.5
7.6
-
nS
Reverse Recovery Time
( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
( IF=0.1 mAdc )
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=30 mAdc )
( IF=100 mAdc )
ANODE
CATHODE
CATHODE/ANODE
1
3
2
MAXIMUM RATINGS (TJ=125
o
C unless otherwise noted)
Reverse Voltage
Power Dissipation @ TA=25
oC
Rating
Symbol
VR
30
Volts
Operating Junction Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
PD
200
mW
Value
Unit
IF
200 Max
mA
Forward Current (DC)
Halogen - free type


Similar Part No. - BAT54SWGH

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BAT54SWG-AL3-R UTC-BAT54SWG-AL3-R Datasheet
164Kb / 3P
SCHOTTKY BARRIER (DUAL) DIODES
BAT54SWG-AL3-R UTC-BAT54SWG-AL3-R Datasheet
169Kb / 3P
SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54SWGH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
Switching Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
BAT54HT1GH ZOWIE-BAT54HT1GH Datasheet
43Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
BAT54RCGH ZOWIE-BAT54RCGH Datasheet
46Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
Schottky Barrier Diode Lead free product Halogen - free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
RB521S-30GH ZOWIE-RB521S-30GH Datasheet
359Kb / 2P
Schottky Barrier Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com