Electronic Components Datasheet Search
  English  ▼

X  

HC7050/2 Datasheet(PDF) 1 Page - auris-GmbH

Part # HC7050/2
Description  Quartz SMD, Ceramic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

HC7050/2 Datasheet(HTML) 1 Page - auris-GmbH

  HC7050/2 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.15
HC7050/2
HC7050/4
Quartz SMD, Ceramic
Specifications
Symbol
HC7050
Frequency range
f
6.000MHz ~ 30.000MHz
30.000MHz ~ 125.000MHz
Frequency tolerance,Ta=25°C
Äf/f
±10ppm ~ ±50ppm
Load capacitance
CL
10pF ~ 32pF
Temperature tolerance
Äf/f
±10ppm ~ ±50ppm
Temperature range
Storage temperature
TSTG
-40°C ~ +85°C
Operating temperature
TOPR
-20°C ~ +70°C
Drive level
Maximum drive level
MDL
500ìW
Recommended drive level
RDL
10ìW ~ 100ìW
Series resistance
R1
As per table
Shunt capacitance
C0
7pF
Insulation resistance
IR
500M Ohm
Aging
ÄfA
±3ppm/Year max
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
6 <= f < 8
Fundamental
100
30 <= f < 40
3rd OT
100
8 <= f < 16
Fundamental
80
40 <= f < 125
3rd OT
80
16 <= f < 30
Fundamental
50
25°C ±3°C
Max
Min
Others are offered
Others are offered
Overtone mode
Others are offered
Please specify
Others are offered
Remarks
Fundamental mode
Features:
- SMD ceramic enclosures
- High reliability seam welded seal
- Frequency up to 125 MHz
- Ultra thin profile
Drawing
HC7050/2
HC7050/4
Dimensions in mm
Order key
Q
- 30.000000M - HC7050/2
- F
- 30
- 50
- D
- 30
- TR
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
HC7050/2
F=fund.
±ppm
±ppm
A=
0°C ~ +70°C
pF
TR=Tape and reel
HC7050/4
3=3.OT
(25°C)
(Temp. range)
B= -10°C ~ +60°C
SR=series
X=Special options
C= -10°C ~ +70°C
/2 = 2 pads
D= -20°C ~ +70°C
/4 = 4 pads
E= -40°C ~ +85°C
H= -20°C ~ +80°C
I = -10°C ~ +50°C
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.


Similar Part No. - HC7050/2

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC7050 AURIS-HC7050 Datasheet
99Kb / 1P
Quartz SMD, Ceramic
More results

Similar Description - HC7050/2

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC3225 AURIS-HC3225 Datasheet
74Kb / 1P
Quartz SMD, Ceramic
HC6035 AURIS-HC6035 Datasheet
177Kb / 1P
Quartz SMD, Ceramic
HC7050 AURIS-HC7050 Datasheet
99Kb / 1P
Quartz SMD, Ceramic
AC1045 AURIS-AC1045 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
AC3225 AURIS-AC3225 Datasheet
64Kb / 1P
Quartz SMD, Ceramic
AC5032 AURIS-AC5032 Datasheet
77Kb / 1P
Quartz SMD, Ceramic
HC2016 AURIS-HC2016 Datasheet
55Kb / 1P
Quartz SMD, Ceramic
HC3225 AURIS-HC3225_1 Datasheet
487Kb / 1P
Quartz SMD, Ceramic
HC4025 AURIS-HC4025_1 Datasheet
496Kb / 1P
Quartz SMD, Ceramic
HC5032 AURIS-HC5032_1 Datasheet
77Kb / 1P
Quartz SMD, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com