Electronic Components Datasheet Search
  English  ▼

X  

MP03 Datasheet(PDF) 1 Page - auris-GmbH

Part # MP03
Description  Quartz SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

MP03 Datasheet(HTML) 1 Page - auris-GmbH

  MP03 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.3
MP03
Quartz SMD
Drawing
MP03
Dimensions in mm
Features:
- Surface mount
- High performance/cost ratio
- Excellent vibration & shock resistance
Specifications
Symbol
MP03
Frequency range
f
32.768kHz
Frequency tolerance,Ta=25°C
Äf/f
±20ppm ~ ±50ppm
Load capacitance
CL
6pF, 12.5pF (Std.)
Temp. coefficient
A
-0.04 x 10
-6/°C²
Temperature range
Storage temp.
TSTG
-55°C ~ +125°C
Operating temp.
TOPR
-40°C ~ +85°C
Drive level
Maximum drive level
MDL
1ìW
Recommended drive level
RDL
-
Series resistance
R1
50k Ohm
Shunt capacitance
C0
1.3pF ~ 2pF
Insulation resistance
IR
500M Ohm
Aging
ÄfA
±5ppm/Year typ
Shock resistance
SR
±10ppm
Please specify
Min
Max
Max
Others are offered
Max
Others are offered
Remarks
Standard
Standard
Max (25°C ±
3°C)
Order key
Q
- 32.768000k
- MP03
- 50
- E
- 12.5
- TR
Part
Frequency
Package
Frequency
Temperature
Load
Option
tolerance
range
capacitance
Q=Quartz
k=kHz
MP03
±ppm
A=
0°C ~ +70°C
pF
TR=Tape and reel
(25°C)
B= -10°C ~ +60°C
SR=series
X=Special options
C= -10°C ~ +70°C
D= -20°C ~ +70°C
E= -40°C ~ +85°C
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.


Similar Part No. - MP03

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
MP03 AURIS-MP03 Datasheet
168Kb / 1P
Quartz SMD
logo
Dynex Semiconductor
MP03/130-16 DYNEX-MP03/130-16 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03/130-18 DYNEX-MP03/130-18 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03/130-20 DYNEX-MP03/130-20 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03/175-10 DYNEX-MP03/175-10 Datasheet
113Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49M AURIS-HC49M Datasheet
141Kb / 1P
Quartz SMD
HC49USSMD AURIS-HC49USSMD Datasheet
105Kb / 1P
Quartz SMD
MP03 AURIS-MP03 Datasheet
168Kb / 1P
Quartz SMD
MP6914 AURIS-MP6914 Datasheet
74Kb / 1P
Quartz SMD
HC49USSMD AURIS-HC49USSMD_1 Datasheet
200Kb / 1P
Quartz SMD
HE1045 AURIS-HE1045_1 Datasheet
978Kb / 1P
Quartz SMD
HE3225 AURIS-HE3225 Datasheet
402Kb / 1P
Quartz SMD
HE5032 AURIS-HE5032_1 Datasheet
500Kb / 1P
Quartz SMD
HE7050 AURIS-HE7050_1 Datasheet
157Kb / 1P
Quartz SMD
TC206B AURIS-TC206B_1 Datasheet
91Kb / 1P
Quartz SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com