Electronic Components Datasheet Search
  English  ▼

X  

G085 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # G085
Description  SOLAR PANEL 85 W EFFICIENT, RELIABLE, AND DURABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

G085 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  G085 Datasheet HTML 1Page - American Accurate Components, Inc. G085 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
G085 SOLAR PANEL
Electrical Specification
Measured at Standard Test Conditions (STC): irradiance of 1000/m² and 25°C cell temperature
Peak Power
Pmax
85 W
Maximum Power Voltage
Vmp
18.36 V
Rated Current
Imp
4.7 A
Open Circuit Voltage
Voc
22.0 V
Short Circuit Voltage
Isc
5.17 A
Min Bypass Diode Current
10 A
Max Series Fuse
15 A
Maximum System Voltage
IEC 61215
100 V
Mechanical Specification
Solar Cells
36 all back contact monocrystaline (4x9 matrix)
Front Glass
3.2mm (1/8”) tempered
Back
Tedlar with EVA Encapsulation
Junction Box
U-version with 4-6 terminal connection block
Output Cable
900mm length / MultiContact connectors
Diodes
3 bypass diodes rated at 10A, 10V
Frame
Anodized Aluminum Alloy type 6063T6
Frame Color
Silver (others available)
Weight
17 kg, 37.5 lbs
Tested Operating Condition
Temperature
-40°C to 85°C (-40°F to 185°F)
Max Static Load
50 psf (2400 pascals) front and back
Front Loading
5400 pascals
Damp Heat
85% RH
Impact Resistance
Hail –25 mm (1 in.) at 23 m/s (52 mph)
CAUTION: READ SAFETY & INSTALLATION INSTRUCTIONS PRIOR TO USE. Go to ww.aacix.com for details
Dimensions (mm)
The contents of this specification may change without notice. 11/16/07
IV Curve
Warranty and Certifications
Warranty
25 year limited power warranty
Certifications
UL Listed 1703 (pending); IEC 61215
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888 Fax: 949-453-8889
www.aacix.com
G
GrreeeennC
Ciittyy A
AA
AC
C®®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com