Electronic Components Datasheet Search
  English  ▼

X  

2104 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2104
Description  Phenolic Box With Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2104 Datasheet(HTML) 1 Page - Pomona Electronics

  2104 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90129
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2104_1_01.doc
Page 1 of
1
Model 2104
Phenolic Box With Cover
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Molded Housing: Electrical grade Phenolic. Color: Black
Cover: Phenolic Plate. Color: Black
Screws: #2-56 x 4.76 (3/16”) Pan Head, Steel.
RATINGS:
Operating Temperature: +150°C. (+302°F.) Max.
ORDERING INFORMATION: Model 2104


Similar Part No. - 2104

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2104 3M-2104 Datasheet
77Kb / 4P
3M??Scotchcast??Electrical Insulating Resin 2104
logo
Heyco.
2104 HEYCO-2104 Datasheet
133Kb / 1P
Snap Bushings
logo
Christian Bürkert GmbH ...
2104 BURKERT-2104 Datasheet
831Kb / 14P
Control head for decentralised automation of ELEMENT process valves
07.03.2024
2104 BURKERT-2104 Datasheet
968Kb / 13P
Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
logo
Belden Inc.
2104 BELDEN-2104 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 2104

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2096 POMONA-2096 Datasheet
22Kb / 1P
Phenolic Box With Double Banana Plugs
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
2105 POMONA-2105 Datasheet
22Kb / 1P
Phenolic Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
3850 POMONA-3850 Datasheet
698Kb / 1P
Thermoplastic Box With Card Guides & Cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com