Electronic Components Datasheet Search
  English  ▼

X  

2138 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2138
Description  Standard Banana Jack To Miniature Banana Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2138 Datasheet(HTML) 1 Page - Pomona Electronics

  2138 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90552 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2138_1_01.doc
Page 1 of
1
Model 2138
Standard Banana Jack To
Miniature Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits standard banana plug to be used with equipment having miniature banana jacks.
MATERIALS:
Upper Conn.: Banana Jack
Material: Body, Brass, H.H. per QQ-B-626, Alloy 360.
Finish: Nickel plate per QQ-N-290, Class 2 (.0002 min.).
Insulation: Acrylonitrile – Butadiene – Styrene, molded to banana jack and banana plug body.
Operating Temperature: +50
°C. (+122°F.) Max.
Marking: “POMONA ELECTRONICS CALIF. 2138.”
Lower Conn.: Miniature Banana Plug
Material: Spring, one piece heat treated Beryllium Copper, Berylco 25 per QQ-C-533.
Finish: Nickel plate per QQ-C-290, Class 2 (.0002 min.).
RATINGS: (Entire Assembly)
Operating Temperature: +50
°C. (+122°F.) Max.
Operating Voltage: 2500 VDC
Current: 5 Amperes Cont.
ORDERING INFORMATION: Model 2138-*
*=Color, -0 Black, -2 Red
Ordering Example: 2138-2 Color is Red


Similar Part No. - 2138

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2138 ALPHAWIRE-2138 Datasheet
96Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2138 HEYCO-2138 Datasheet
105Kb / 1P
Universal Bushings
logo
Belden Inc.
2138 BELDEN-2138 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
2138 ABBATRON-2138 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
2138 CEENORM-2138 Datasheet
419Kb / 2P
Plugs
More results

Similar Description - 2138

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
4590 POMONA-4590 Datasheet
30Kb / 1P
Standard Banana Jack
4702 POMONA-4702 Datasheet
40Kb / 1P
Banana Plug To In-Line Banana Jack
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
Rev 001
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com