Electronic Components Datasheet Search
  English  ▼

X  

2240 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2240
Description  Alligator Clip To Banana Jack With Flex Boot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2240 Datasheet(HTML) 1 Page - Pomona Electronics

  2240 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/23/02 SY/EH/LS
PomonaACCESS 90303 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d2240_1_02.doc
Page 1 of 1
Model 2240
Alligator Clip To Banana
Jack With Flex Boot
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Alligator Clip features a banana jack interface for quick and easy attachment to various lengths of banana plug
patch cords.
• Alligator jaw opens up to .300” (7,62mm) for attachment to most test terminals.
• Flexible boot provides insulation protection.
MATERIALS:
Alligator: Steel, Nickel Plated
Flexible Boot: Vinyl, Color per Part Number
RATINGS:
Operating Temperature: +50° C (+122° F)
Operating Voltage: 150 VRMS
Current: 5 Amperes Max.
ORDERING INFORMATION: Model 2240-*
* = Color Code, -0 Black, -2 Red
Sold in packages of 10 per color


Similar Part No. - 2240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240 ETC2-2240 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Heyco.
2240 HEYCO-2240 Datasheet
106Kb / 1P
Snap Bushings
logo
Mascot AS
2240 MASCOT-2240 Datasheet
3Mb / 7P
1,3 A max out • 90-264 VAC input
Sep 17 2022
2240 MASCOT-2240 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Keystone Electronics Co...
2240 KEYSTONE-2240 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
More results

Similar Description - 2240

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1166 POMONA-1166 Datasheet
47Kb / 1P
Alligator Clip To Multi-Stacking Banana Plug Patch Cord
1437 POMONA-1437 Datasheet
20Kb / 1P
Alligator Clip To Pin Tip Jack With Flex Boot
3289 POMONA-3289 Datasheet
22Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
5788 POMONA-5788 Datasheet
19Kb / 1P
Insulated Miniature Alligator Test Clip With 2MM Banana Jack
6567 POMONA-6567 Datasheet
35Kb / 1P
Alligator with Banana Jack
6573A POMONA-6573A Datasheet
118Kb / 2P
Alligator Clip With Boot
6574 POMONA-6574 Datasheet
141Kb / 2P
Alligator Clip with Boot for standard test probe
1437-0 POMONA-1437-0 Datasheet
20Kb / 1P
Model 1437 Alligator Clip To Pin Tip Jack With Flex Boot
logo
3M Electronics
2240-2 3M-2240-2 Datasheet
31Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
23-May-2002
logo
List of Unclassifed Man...
BU-2030-A-12-0 ETC2-BU-2030-A-12-0 Datasheet
64Kb / 1P
Insulated Alligator Clip to Stackable Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com