Electronic Components Datasheet Search
  English  ▼

X  

2247 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2247
Description  Miniature Double Banana Plug Both Ends Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2247 Datasheet(HTML) 1 Page - Pomona Electronics

  2247 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d2247_1_02.doc
Page 1 of 1
Model 2247
Miniature Double Banana Plug
Both Ends Cable Assembly
MATERIALS:
Miniature Double Banana Plug:
Plug Bodies: Brass, Gold Plated
Springs: Beryllium Copper, Gold Plated
Insulation: Polypropylene Molded to the Plug Bodies and Cable. Color: Black.
Marking: POMONA ELECTRONICS CALIF.
Cable: RG174/U, Cap. pf/ft.-30.8, Nom. Imp.-50. Marking: POMONA 2247-K-*
RATINGS:
Operating Temperature: +55 C Max.
Operating Voltage: 1000 VRMS
ORDERING INFORMATION: Model 2247-K-XX
XX = Cable Length, Standard Lengths: 24 (60,96cm) Additional lengths can be quoted upon request.
Ordering Example: 2247-K-24 Cable Assembly is 24 (60,96cm)


Similar Part No. - 2247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2247 ETC2-2247 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
2247 ETC2-2247 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
2247 HEYCO-2247 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
Adafruit Industries
2247 ADAFRUIT-2247 Datasheet
78Kb / 2P
Raspberry Pi Model B / Pi 2 / Pi 3 Case Lid - Pink
logo
Keystone Electronics Co...
2247 KEYSTONE-2247 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 2247

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2239 POMONA-2239 Datasheet
33Kb / 1P
Single Stacking Banana Plugs Both Ends Cable Assembly
2BA POMONA-2BA Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
B-12-2 POMONA-B-12-2 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
logo
3M Electronics
B-4-0 3M-B-4-0 Datasheet
42Kb / 2P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-4-4 3M-B-4-4 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-36-3 3M-B-36-3 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-48-5 3M-B-48-5 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-60-1 3M-B-60-1 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
B-72-0 3M-B-72-0 Datasheet
23Kb / 1P
Stack-Up Banana Plug Both Ends
09-Jun-1999
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
Shrouded Banana Plug on Both Ends-Silicone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com