Electronic Components Datasheet Search
  English  ▼

X  

GC20GLH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # GC20GLH
Description  Low VF Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GC20GLH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  GC20GLH Datasheet HTML 1Page - Zowie Technology Corporation GC20GLH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(200V~1000V/2.0A)
GC20DLH THRU GC20MLH
2009/11
REV. 1
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
2.0
2.5
1.5
1.0
0.5
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
25
50
75
100
125
150
175
60Hz
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
20
40
80
60
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100
TJ = 25
oC
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
TJ=150
oC
TJ=125
oC
TJ=25
oC
0.01
.001
0
20
0.10
1.0
10
100
40
60
80
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com