Electronic Components Datasheet Search
  English  ▼

X  

MS-251 Datasheet(PDF) 1 Page - PIC GmbH

Part # MS-251
Description  Radial Reed Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

MS-251 Datasheet(HTML) 1 Page - PIC GmbH

  MS-251 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-251
Radial Reed Sensor
ms251_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 1.1 (003)
Page 1 of 1
Pb
Lead free
Electrical Characteristics
Contact form
A
Contact rating max.
W / VA
10
Switching current max.
A
0.5
Carry current max.
A
0.7
VDC
150
Switching voltage max.
VAC
120
Breakdown voltage min.
VDC
200
Contact resistance (initial) max.
m
Ω
200
Insulation resistance min.
Ω
109
Capacitance typ.
pF
0.4
Magnetical Characteristics
Pull in range available 1
AT
10-25
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
0.3
Release time max.
ms
0.1
Switching frequency max.
Hz
600
Resonant frequency typ.
Hz
12,000
Vibration (50-2000 Hz)
g
10
Shock (1/2 sin 11 ms)
g
50
Operating temperature
°C
-20 to +85
Dimensions
in mm
Ordering Information
Series
AT Range
MS-251
1 = 10-15 / 2 = 15-20 / 3 = 20-25
Ordering example: MS-251-2 describes MS-251 with 15-20 AT
2.54
Ø 6.0
12.0
7.0
Ø 0.41
Customized types available.


Similar Part No. - MS-251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-25-140 ETC2-MS-25-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-25-140-Y ETC2-MS-25-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
Teledyne Technologies I...
MS-250 TELEDYNE-MS-250 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
More results

Similar Description - MS-251

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX+1600 PIC-PRX+1600 Datasheet
22Kb / 1P
Radial Reed Sensor
logo
Meder Electronic
MK21M1A66B100W MEDER-MK21M1A66B100W Datasheet
130Kb / 1P
REED SENSOR
MK041A66B8000W MEDER-MK041A66B8000W Datasheet
126Kb / 1P
REED SENSOR
MK041A66C700W MEDER-MK041A66C700W Datasheet
207Kb / 1P
REED SENSOR
MK041A66D500W MEDER-MK041A66D500W Datasheet
207Kb / 1P
REED SENSOR
MK041B90C1000W MEDER-MK041B90C1000W Datasheet
206Kb / 1P
REED Sensor
MK091A66C MEDER-MK091A66C Datasheet
126Kb / 1P
REED Sensor
MK091B90C MEDER-MK091B90C Datasheet
152Kb / 1P
REED Sensor
MK0241A66B5000W MEDER-MK0241A66B5000W Datasheet
174Kb / 2P
REED Sensor
MK0241A66C4000W MEDER-MK0241A66C4000W Datasheet
173Kb / 2P
REED Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com