Electronic Components Datasheet Search
  English  ▼

X  

MS-107-3 Datasheet(PDF) 1 Page - PIC GmbH

Part # MS-107-3
Description  Reed Sensor - pitch 17.78 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

MS-107-3 Datasheet(HTML) 1 Page - PIC GmbH

  MS-107-3 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-107-3
Reed Sensor
•••• pitch 17.78 mm
ms1073_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 2.1 (003)
Page 1 of 1
Pb
Lead free
Electrical Characteristics
Contact form
A
Contact rating max.
W / VA
10
Switching current max.
A
1.0
Carry current max.
A
1.2
VDC
200
Switching voltage max.
VAC
140
Breakdown voltage min.
VDC
240
Contact resistance (initial) max.
m
Ω
100
Insulation resistance min.
Ω
1010
Capacitance typ.
pF
0.5
Magnetical Characteristics
Pull in range available 1
AT
10-25
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
1.0
Release time max.
ms
0.4
Switching frequency max.
Hz
500
Resonant frequency typ.
Hz
4,000
Vibration (50-2000 Hz)
g
20
Shock (1/2 sin 11 ms)
g
100
Operating temperature
°C
-20 to +85
Dimensions
in mm
3.3 ±0.1
0.4
0.5
4.2 -0.1
19.7
17.78
2.9 +0.5/-0.3
R 1.65 typ.
Ordering Information
Series
AT Range
MS-107-3
1 = 10-15 / 2 = 15-20 / 3 = 20-25
Ordering example: MS-107-3-2 describes MS-107-3 with 15-20 AT
Customizes types available.


Similar Part No. - MS-107-3

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-107-3 RRE-MS-107-3 Datasheet
86Kb / 1P
Standard size Reed Sensor
More results

Similar Description - MS-107-3

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-104-3 PIC-MS-104-3 Datasheet
23Kb / 1P
Micro Reed Sensor - pitch 11.40 mm
MS-105-3 PIC-MS-105-3 Datasheet
23Kb / 1P
Miniature Reed Sensor - pitch 12.70 mm
MS-106-3 PIC-MS-106-3 Datasheet
23Kb / 1P
Miniature Reed Sensor - pitch 15.24 mm
MS-108-3 PIC-MS-108-3 Datasheet
23Kb / 1P
Reed Sensor - pitch 20.32 mm
logo
DB Lectro Inc
MS-104-3 DBLECTRO-MS-104-3 Datasheet
23Kb / 1P
Micro Reed Sensor ??pitch 11.40 mm
MS-105-3 DBLECTRO-MS-105-3 Datasheet
23Kb / 1P
Miniature Reed Sensor pitch 12.70 mm
MS-106-3 DBLECTRO-MS-106-3 Datasheet
23Kb / 1P
Miniature Reed Sensor ??pitch 15.24 mm
MS-108-3 DBLECTRO-MS-108-3 Datasheet
23Kb / 1P
Reed Sensor ??pitch 20.32 mm
logo
PIC GmbH
MS-104-3 PIC-MS-104-3_15 Datasheet
113Kb / 2P
Micro Reed Sensor pitch 10.16 mm
MS-105-3 PIC-MS-105-3_15 Datasheet
114Kb / 2P
Miniature Reed Sensor pitch 12.70 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com