Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 49 Page - Motorola, Inc

Part # M68HC08
Description  Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 45Page - Motorola, Inc M68HC08 Datasheet HTML 46Page - Motorola, Inc M68HC08 Datasheet HTML 47Page - Motorola, Inc M68HC08 Datasheet HTML 48Page - Motorola, Inc M68HC08 Datasheet HTML 49Page - Motorola, Inc M68HC08 Datasheet HTML 50Page - Motorola, Inc M68HC08 Datasheet HTML 51Page - Motorola, Inc M68HC08 Datasheet HTML 52Page - Motorola, Inc M68HC08 Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 230 page
background image
FLASH Memory (FLASH)
FLASH Mass Erase Operation
MC68HC908QY4•MC68HC908QT4•MC68HC908QY2•MC68HC908QT2•MC68HC908QY1•MC68HC908QT1
MOTOROLA
FLASH Memory (FLASH)
49
4.6 FLASH Mass Erase Operation
Use the following procedure to erase the entire FLASH memory to read
as logic 1:
1. Set both the ERASE bit and the MASS bit in the FLASH control
register.
2. Read from the FLASH block protect register.
3. Write any data to any FLASH address(1) within the FLASH
memory address range.
4. Wait for a time, tnvs (minimum 10 µs).
5. Set the HVEN bit.
6. Wait for a time, tErase (minimum 4 ms).
7. Clear the ERASE and MASS bits.
NOTE:
Mass erase is disabled whenever any block is protected (FLBPR does
not equal $FF).
8. Wait for a time, tnvh1 (minimum 100 µs).
9. Clear the HVEN bit.
10. After time, trcv (typical 1 µs), the memory can be accessed in read
mode again.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.
4.7 FLASH Program Operation
Programming of the FLASH memory is done on a row basis. A row
consists of 32 consecutive bytes starting from addresses $XX00,
$XX20, $XX40, $XX60, $XX80, $XXA0, $XXC0, or $XXE0. Use the
following step-by-step procedure to program a row of FLASH memory
Figure 4-2 shows a flowchart of the programming algorithm.
NOTE:
Only bytes which are currently $FF may be programmed.
1. When in monitor mode, with security sequence failed (see 9.5 Security), write to the FLASH
block protect register instead of any FLASH address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com