Electronic Components Datasheet Search
  English  ▼

X  

AES60E Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AES60E
Description  AC-DC Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AES60E Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AES60E Datasheet HTML 1Page - Arch Electronics Corp. AES60E Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_3
update : 98.09.01
AC-DC Switching Power Supply
AES60E SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AES60E-5S
AES60E-9S
AES60E-12S
AES60E-15S
AES60E-24S
AES60E-48S
Max Output Wattage (W)
50W
60W
60W
60W
60W
60W
Voltage
85-265 VAC or 100-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
2 A max. (115 VAC) / 1 A max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Input
Leakage Current
0.5 mA max.
Voltage (V.DC.)
5V
9V
12V
15V
24V
48V
Voltage Accuracy
±2%
Current (mA) max
10,000
6,660
5,000
4,000
2,500
1,250
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
1%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency (at 230V)
82%
84%
86%
86%
86%
86%
Trim
±10%
Hold-up Time
10 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-50°C…+85°C
Temperature coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>130,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.13 x 2.28 x 1.5 Inches
( 105.0 x 58.0 x 38.1 mm ) Tolerance
±0.5 mm
Weight
260 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Measured with 0.1
μ 50V // 47μ 50V Ceramic Cap. Cross to output
KEY FEATURES
Enclosed Switching Power Supply
Universal Input: 85-265 VAC
Single Output
5 VDC to 48 VDC Output
3000 VAC Input to Output Isolation
2-Years Product Warranty


Similar Part No. - AES60E

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AES60E-12S ARCH-AES60E-12S Datasheet
250Kb / 3P
AC-DC Switching Power Supply
AES60E-15S ARCH-AES60E-15S Datasheet
250Kb / 3P
AC-DC Switching Power Supply
AES60E-24S ARCH-AES60E-24S Datasheet
250Kb / 3P
AC-DC Switching Power Supply
AES60E-48S ARCH-AES60E-48S Datasheet
250Kb / 3P
AC-DC Switching Power Supply
AES60E-5S ARCH-AES60E-5S Datasheet
250Kb / 3P
AC-DC Switching Power Supply
More results

Similar Description - AES60E

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF240D ARCH-AQF240D Datasheet
278Kb / 2P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com