Electronic Components Datasheet Search
  English  ▼

X  

AFC Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # AFC
Description  AC-DC Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC Datasheet(HTML) 3 Page - Arch Electronics Corp.

  AFC Datasheet HTML 1Page - Arch Electronics Corp. AFC Datasheet HTML 2Page - Arch Electronics Corp. AFC Datasheet HTML 3Page - Arch Electronics Corp. AFC Datasheet HTML 4Page - Arch Electronics Corp. AFC Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VER : B_3
update : 98.10.29
AC-DC Power Module
AFC SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
SCREW TERMINAL
AFC-A2
PIN#
Single
1
NO CONNECT
2
AC IN (N)
3
AC IN (L)
4.
NO CONNECT
5
+DC OUT
6
-DC OUT
7
NO CONNECT
8
NO CONNECT
AFC-A3
PIN#
Single
1
AC IN
2
NO CONNECT
3
+DC OUT
4.
-DC OUT
5
NO CONNECT
6
NO CONNECT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com