Electronic Components Datasheet Search
  English  ▼

X  

AFC20 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AFC20
Description  AC-DC Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC20 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AFC20 Datasheet HTML 1Page - Arch Electronics Corp. AFC20 Datasheet HTML 2Page - Arch Electronics Corp. AFC20 Datasheet HTML 3Page - Arch Electronics Corp. AFC20 Datasheet HTML 4Page - Arch Electronics Corp. AFC20 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : A_2
update : 98.09.11
AC-DC Power Module
AFC20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AFC20-3.3S
AFC20-5S
AFC20-12S
AFC20-15S
AFC20-24S
Max Output Wattage (W)
11.88W
18W
20W
20W
20W
Voltage
90-264 VAC
Frequency (Hz)
47-440 Hz
Current (Full load)
385 mA max. (115 VAC) / 250 mA max. (230 VAC)
Inrush Current (<2ms,Cold Start)
20 A max. (115 VAC) / 40 A max. (230 VAC)
Input
Leakage Current
0.75 mA max.
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
3600
3600
1660
1330
833
Maximum Capacitive Load (at 115VAC)
3000uF
2200uF
1200uF
1000uF
800uF
Maximum Capacitive Load (at 230VAC)
4500uF
3500uF
1800uF
1500uF
1200uF
Minimum Load
0%
0%
2%
0%
0%
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (5-100%) (typ.)
±1%.
Ripple
75mV max (Vp-p)
100mV max (Vp-p)
Noise
100mV max (Vp-p)
<0.5% Vout +50mV max (Vp-p)
Efficiency(at 115VAC)
74%
78%
83%
85%
86%
Hold-up Time(typ)
12 ms (115VAC) / 56ms (230VAC)
Output
Switching Frequency
100k ~ 130k Hz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.06 x 1.07 x 0.93 Inches
( 52.4 x 27.2 x 23.5 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
59g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Note :1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1υF & 47uF parallel capacitor.
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output and Low Ripple and Low Noise
Isolation Class II
High Efficiency Up To 85%
Small Size as AFC 10Watt and 20Watt Higher Wattage
Screw Terminal For Optional
CE, UL
Approval
2-Years Product Warranty


Similar Part No. - AFC20

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC20-12S ARCH-AFC20-12S Datasheet
386Kb / 3P
AC-DC Power Module
AFC20-15S ARCH-AFC20-15S Datasheet
386Kb / 3P
AC-DC Power Module
AFC20-24S ARCH-AFC20-24S Datasheet
386Kb / 3P
AC-DC Power Module
AFC20-3.3S ARCH-AFC20-3.3S Datasheet
386Kb / 3P
AC-DC Power Module
AFC20-5S ARCH-AFC20-5S Datasheet
386Kb / 3P
AC-DC Power Module
More results

Similar Description - AFC20

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com