Electronic Components Datasheet Search
  English  ▼

X  

AFC-DN Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AFC-DN
Description  AC-DC Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AFC-DN Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AFC-DN Datasheet HTML 1Page - Arch Electronics Corp. AFC-DN Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_1
update : 94.08.25
AC-DC Switching Power Supply
AFC DN SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AFC-3.3S-DN
AFC-5S-DN
AFC-12S-DN
AFC-15S-DN
AFC-24S-DN
Max Output Wattage (W)
8.25W
10W
10W
10W
10W
Voltage
90-264 VAC
Frequency (Hz)
47-440 Hz
Current (Full load)
220 mA max. (115 VAC) / 150 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) /20 A max. (230 VAC)
Input
Leakage Current
0.75 mA max.
Voltage (V.DC.)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
2500
2000
833
667
417
Line Regulation (LL-HL) (typ.)
±0.3%.
Load Regulation (5-100%) (typ.)
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
70%
72%
75%
74%
70%
Hold-up Time
15 ms min.
Output
Switching Frequency
125 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
20-85% RH
Environment
MTBF
>330,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.38 x 3.11 x 2.0 Inches
( 35.0 x 79.0 x 51.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-2)
Weight
91 g
Physical
Cooling Method
Free air convection
Vibration
10-55 Hz 0.5 mm width/ 1 minute cycle
Genera
Shock
20 G (3 directions each 3 times.)
Safety
Agency Approvals
UL/cUL, CE, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Din Rail Switching Power Supply
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
High Efficiency
CE, UL
Approval
2-Years Product Warranty


Similar Part No. - AFC-DN

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-DN_SERIES ARCH-AFC-DN_SERIES Datasheet
142Kb / 2P
Din Rail Switching Power Supply
More results

Similar Description - AFC-DN

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF240D ARCH-AQF240D Datasheet
278Kb / 2P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com