Electronic Components Datasheet Search
  English  ▼

X  

AOC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AOC
Description  AC-DC Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AOC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AOC Datasheet HTML 1Page - Arch Electronics Corp. AOC Datasheet HTML 2Page - Arch Electronics Corp. AOC Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_4
update : 98.07.07
AC-DC Power Module
AOC SERIES
4 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
AOC-3.3S
AOC-5S
AOC-8S
AOC-9S
AOC-12S
AOC-14S
AOC-15S
AOC-24S
Max Output Wattage (W)
3.96W
4W
4W
4W
4W
4W
4W
4W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
75 mA max. (115 VAC) / 55 mA max. (230 VAC)
Inrush Current (<500us)
15 A max. (115 VAC) / 25 A max. (230 VAC)
Leakage Current
0.3 mA max.
Input
External Fuse (recommend)
1 A slow blow type
Voltage (V.DC.)
3.3V
5V
8V
9V
12V
14V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
1200
800
500
444
333
286
267
167
Line Regulation (LL-HL) (typ.)
±0.2%
Load Regulation (0-100%) (typ.)
±1%.
±0.5%.
Minimum Load
0%
Maximum Capacitive Load
14000uF
8000uF
2700uF
2400uF
1000uF
750uF
700uF
220uF
Ripple
3.3S~15S : <100mV max (Vp-p)
24S : <150mV max (Vp-p)
Noise
3.3S~15S : <150mV max (Vp-p)
24S : <200mV max (Vp-p)
Efficiency
70%
72%
76%
76%
76%
76%
76%
77%
Hold-up Time
15 ms min.
Output
Switching Frequency
132±8 KHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+125°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>350,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.44 x 1.07 x 0.67 Inches
( 36.66 x 27.16 x 17.1 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
26 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL , cUL , CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Single and Dual Output
Low Ripple and Noise
Isolation Class II
Maximum No-Load Watts < 0.3W
CE , UL Approval
2-Years Product Warranty


Similar Part No. - AOC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AOC-12S ARCH-AOC-12S Datasheet
297Kb / 3P
Switching Power Module for PCB Mountable
AOC-14S ARCH-AOC-14S Datasheet
297Kb / 3P
Switching Power Module for PCB Mountable
AOC-15S ARCH-AOC-15S Datasheet
297Kb / 3P
Switching Power Module for PCB Mountable
AOC-24S ARCH-AOC-24S Datasheet
297Kb / 3P
Switching Power Module for PCB Mountable
AOC-3.3S ARCH-AOC-3.3S Datasheet
297Kb / 3P
Switching Power Module for PCB Mountable
More results

Similar Description - AOC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANC50 ARCH-ANC50 Datasheet
296Kb / 7P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com