Electronic Components Datasheet Search
  English  ▼

X  

LAN3003-80 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAN3003-80
Description  10/100/1000BASE-T Magnetics Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAN3003-80 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAN3003-80 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver. A
1:1
1:1
1:1
1:1
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
LAN3003-80
10/100/1000BASE-T Magnetics Module
Meets IEEE 802.3 standard
RoHS Compliant
Single port configuration
Operating Temperature: 0℃~70℃
Electrical Specification @25℃
OCL:
350uH Min. @100KHz/0.1V with 8mA DC Bias
Hi-POT :
1500Vrms.
Turn Ratio:
1CT:1CT±3%
D.C.R:
0.9ohm Max.
Insertion Loss:
0.1-100MHz
-1.0dB Max.
1-30MHz
40 MHz
50MHz
60-80MHz
100MHz
Return Loss:
-18dB Min.
–14.4dB Min.
-13.1dB Min.
-12dB Min.
-10dB Min.
30MHz
60MHz
100MHz
D.C.M.R. :
-43dB Min.
-37dB Min.
-33dB Min.
30MHz
60MHz
100MHz
Cross Talk :
-45dB Min.
-40dB Min.
-35dB Min.
Dimensions
Schematic
Units: mm
Unless otherwise specified, all tolerances are ±0.25
SUGGESTED PAD LAYOUT
0° 8°
LAN3003
DATE CODE
PIN1
18 MAX
12.20 16.00
12.70
13.97
0.51
13.97
12.70
16.51
0.76
1.27
6.35 MAX
0.25
1.14
A
B
C
D
1.27
E
G


Similar Part No. - LAN3003-80

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAN3004-83 LINKCOM-LAN3004-83 Datasheet
61Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3007-80 LINKCOM-LAN3007-80 Datasheet
50Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3008-50 LINKCOM-LAN3008-50 Datasheet
50Kb / 1P
10/100/1000BASE-T Magnetics Module
More results

Similar Description - LAN3003-80

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAN3007-80 LINKCOM-LAN3007-80 Datasheet
50Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3252-50 LINKCOM-LAN3252-50 Datasheet
46Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3103-50 LINKCOM-LAN3103-50 Datasheet
70Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3013-50 LINKCOM-LAN3013-50 Datasheet
88Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3181-50 LINKCOM-LAN3181-50 Datasheet
137Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3181-52 LINKCOM-LAN3181-52 Datasheet
137Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3209-50 LINKCOM-LAN3209-50 Datasheet
47Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3241-50 LINKCOM-LAN3241-50 Datasheet
87Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3241-52 LINKCOM-LAN3241-52 Datasheet
87Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN3362-50 LINKCOM-LAN3362-50 Datasheet
145Kb / 1P
10/100/1000BASE-T Magnetics Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com