Electronic Components Datasheet Search
  English  ▼

X  

AQF360E Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AQF360E
Description  AC-DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF360E Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AQF360E Datasheet HTML 1Page - Arch Electronics Corp. AQF360E Datasheet HTML 2Page - Arch Electronics Corp. AQF360E Datasheet HTML 3Page - Arch Electronics Corp. AQF360E Datasheet HTML 4Page - Arch Electronics Corp. AQF360E Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : PA_0
update : 98.04.10
AC-DC Switching Power Supply
AQF360E SERIES
360 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
AQF360E-12S
AQF360E-24S
AQF360E-36S
AQF360E-48S
Max Output Wattage
(W)
360W
360W
360W
360W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
< 4.0 A max. (115 VAC) / < 2.0 A max. (230 VAC)
Inrush Current (<2ms)
< 30 A max. (115 VAC) / < 60 A max. (230 VAC)
Leakage Current
< 0.3 mA max.(240VAC 63Hz)
Input
Power Factor
PF>0.99 (115 VAC) / PF>0.95 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
36V
48V
Voltage Accuracy
±2%
Current (Convection) (A) max
30
15
10
7.5
Line Regulation (LL-HL) (typ.)
±1%
Loa
d Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
1000-40,000µF depending on model
Ripple & Noise (max.)
150mVp-p
200mVp-p
Efficiency (typ.)
89%
91%
92%
93%
Hold-up Time
15 ms min.
Output
Switching Frequency
75 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Over Temperature
Auto recovery
Protection
Short Circuit Protection
Auto-recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-10°C…+70°C (with derating)
Storage Temperature
-25°C…+85°C
Temperature Coefficient
±0.03%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>50,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
KEY FEATURES
Enclosed Switching Power Supply
Universal Input: 90-264 VAC
With P.F.C. Function, PF>0.95
Cooling by Built-in 12 VDC FAN
240W Convection without FAN
Protections: Over Load / Over Voltage / Over Temperature /
.Short Circuit
All by Auto-recovery
Leakage Current <300uA
High Power Density
High Efficiency up to 93%
RoHS Compliant Design
Ultra Compact Size: 6.8 x 3.2 x 2.1 Inches
2-Years Product Warranty
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - AQF360E

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF360E-12S ARCH-AQF360E-12S Datasheet
315Kb / 6P
AC-DC Switching Power Supply
AQF360E-12S ARCH-AQF360E-12S Datasheet
257Kb / 6P
AC-DC Switching Power Supply
AQF360E-24S ARCH-AQF360E-24S Datasheet
315Kb / 6P
AC-DC Switching Power Supply
AQF360E-24S ARCH-AQF360E-24S Datasheet
257Kb / 6P
AC-DC Switching Power Supply
AQF360E-36S ARCH-AQF360E-36S Datasheet
315Kb / 6P
AC-DC Switching Power Supply
More results

Similar Description - AQF360E

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF240D ARCH-AQF240D Datasheet
278Kb / 2P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com