Electronic Components Datasheet Search
  English  ▼

X  

SB03 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SB03
Description  Encapsulated DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB03 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SB03 Datasheet HTML 1Page - Arch Electronics Corp. SB03 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_1
update : 98.04.09
Encapsulated DC-DC Converter
SB03 SERIES
3 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SB03-24-3.3S
SB03-24-5S
SB03-24-12S
SB03-24-15S
SB03-24-24S
SB03-24-5D
SB03-24-12D
SB03-24-15D
Max. Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input Voltage (V.DC.)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
3.3V / 900mA
5V / 660mA
12V / 330mA
15V / 267mA
24V / 166mA
±5V / ±300mA
±12V /±166mA
±15V /±133mA
Efficiency
70%
71%
80%
77%
78%
73%
77%
75%
Model No.
SB03-48-3.3S
SB03-48-5S
SB03-48-12S
SB03-48-15S
SB03-48-24S
SB03-48-5D
SB03-48-12D
SB03-48-15D
Max. Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V / 900mA
5V / 660mA
12V / 330mA
15V / 267mA
24V / 166mA
±5V / ±300mA
±12V /±166mA
±15V /±133mA
Efficiency
71%
73%
80%
79%
78%
75%
79%
78%
Model No.
SB03-24-3.3S
SB03-48-3.3S
SB03-24-5S
SB03-48-5S
SB03-24-12S
SB03-48-12S
SB03-24-15S
SB03-48-15S
SB03-24-24S
SB03-48-24S
SB03-24-5D
SB03-48-5D
SB03-24-12D
SB03-48-12D
SB03-24-15D
SB03-48-15D
Max Output Wattage (W)
3W
3.3W
4W
4W
4W
3W
4W
4W
Input
Input Filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
±5
±12
±15
Voltage Accuracy
±2%
Current (mA) max
900
660
330
267
166
±300
±166
±133
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±3%
±1%
±1%
±1%
±1%
±1%
±1%
±1%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.4 Inches ( 31.8 x 20.3 x 10.2 mm ) Tolerance
±0.5 mm
Case Material
Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
13 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
4:1 Wide Input Range
Regulated Output
Low Ripple and Noise
2-Years Product Warranty


Similar Part No. - SB03

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03-1212D ASTRODYNE-SB03-1212D Datasheet
175Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03-1212D ASTRODYNE-SB03-1212D Datasheet
168Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03-1212S ASTRODYNE-SB03-1212S Datasheet
175Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03-1212S ASTRODYNE-SB03-1212S Datasheet
168Kb / 3P
Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - SB03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
NI20 ARCH-NI20 Datasheet
96Kb / 2P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com