Electronic Components Datasheet Search
  English  ▼

X  

SB08 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SB08
Description  Encapsulated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SB08 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SB08 Datasheet HTML 1Page - Arch Electronics Corp. SB08 Datasheet HTML 2Page - Arch Electronics Corp. SB08 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_2
update : 98.04.09
Encapsulated DC-DC Converter
SB08 SERIES
8 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
SB08-12-3.3S
SB08-12-5S
SB08-12-12S
SB08-12-15S
SB08-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
67%
69%
76%
75%
68%
Minimum Load
4%
3%
5%
5%
4%
Model No. ( Single Output )
SB08-24-3.3S
SB08-24-5S
SB08-24-12S
SB08-24-15S
SB08-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
72%
73%
80%
80%
77%
Minimum Load
3%
3%
4%
4%
4%
Model No. ( Single Output )
SB08-24F-3.3S
SB08-24F-5S
SB08-24F-12S
SB08-24F-15S
SB08-24F-24S
Input Voltage (V.DC.)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
70%
66%
72%
71%
73%
Minimum Load
4%
5%
5%
Model No. ( Single Output )
SB08-48-3.3S
SB08-48-5S
SB08-48-12S
SB08-48-15S
SB08-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
73%
74%
80%
80%
79%
Minimum Load
3%
3%
4%
4%
4%
Model No. ( Single Output )
SB08-48F-3.3S
SB08-48F-5S
SB08-48F-12S
SB08-48F-15S
SB08-48F-24S
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
3.3V/2000mA
5V/1500mA
12V/666mA
15V/533mA
24V/333mA
Efficiency
70%
73%
78%
78%
73%
Model No. ( Dual Output )
SB08-12-5D
SB08-12-12D
SB08-12-15D
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
±5V / ±800mA
±12 / ±333mA
±15 / ±267mA
Efficiency
70%
75%
74%
Minimum Load
4%
5%
5%
Model No. ( Dual Output )
SB08-24-5D
SB08-24-12D
SB08-24-15D
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
±5V / ±800mA
±12 / ±333mA
±15 / ±267mA
Efficiency
73%
78%
74%
Minimum Load
2%
5%
6%
Model No. ( Dual Output )
SB08-24F-5D
SB08-24F-12D
SB08-24F-15D
Input Voltage (V.DC.)
24V (9-36V)
24V (9-36V)
24V (9-36V)
Output Voltage (V.DC.)
±5V / ±800mA
±12 / ±333mA
±15 / ±267mA
Efficiency
72%
76%
74%
Model No. ( Dual Output )
SB08-48-5D
SB08-48-12D
SB08-48-15D
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
±5V / ±800mA
±12 / ±333mA
±15 / ±267mA
Efficiency
73%
77%
74%
Minimum Load
4%
5%
3%
KEY FEATURES
Power Module for PCB Mountable
2:1 & 4:1 Wide Input Range
Regulated Output
Low Ripple and Noise
2-Years Product Warranty


Similar Part No. - SB08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SB08 ETC2-SB08 Datasheet
177Kb / 3P
Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08 Datasheet
177Kb / 3P
Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Arch Electronics Corp.
SB08-12-12D ARCH-SB08-12-12D Datasheet
149Kb / 3P
Power Module for PCB Mountable
SB08-12-12S ARCH-SB08-12-12S Datasheet
149Kb / 3P
Power Module for PCB Mountable
SB08-12-15D ARCH-SB08-12-15D Datasheet
149Kb / 3P
Power Module for PCB Mountable
More results

Similar Description - SB08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
NI20 ARCH-NI20 Datasheet
96Kb / 2P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com